Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W27E257 Datasheet(PDF) 2 Page - Winbond

Part # W27E257
Description  32K X 8 ELECTRICALLY ERASABLE EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27E257 Datasheet(HTML) 2 Page - Winbond

  W27E257 Datasheet HTML 1Page - Winbond W27E257 Datasheet HTML 2Page - Winbond W27E257 Datasheet HTML 3Page - Winbond W27E257 Datasheet HTML 4Page - Winbond W27E257 Datasheet HTML 5Page - Winbond W27E257 Datasheet HTML 6Page - Winbond W27E257 Datasheet HTML 7Page - Winbond W27E257 Datasheet HTML 8Page - Winbond W27E257 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
W27E257
- 2 -
FUNCTIONAL DESCRIPTION
Read Mode
Like conventional UVEPROMs, the W27E257 has two control functions, both of which produce data
at the outputs.
CE is for power control and chip select. OE controls the output buffer to gate data to the output pins.
When addresses are stable, the address access time (TACC) is equal to the delay from CE to output
(TCE), and data are available at the outputs TOE after the falling edge of OE , if TACC and TCE timings
are met.
Erase Mode
The erase operation is the only way to change data from "0" to "1." Unlike conventional UVEPROMs,
which use ultraviolet light to erase the contents of the entire chip (a procedure that requires up to half
an hour), the W27E257 uses electrical erasure. Generally, the chip can be erased within 100 mS by
using an EPROM writer with a special erase algorithm.
Erase mode is entered when VPP is raised to VPE (14V), VCC = VCE (5V), OE = VIH (2V or above but
lower than VCC), A9 = VHH (14V), A0 = VIL (0.8V or below but higher than GND), and all other
address pins equal VIL and data input pins equal VIH. Pulsing CE low starts the erase operation.
Erase Verify Mode
After an erase operation, all of the bytes in the chip must be verified to check whether they have been
successfully erased to "1" or not. The erase verify mode automatically ensures a substantial erase
margin. This mode will be entered after the erase operation if VPP = VPE (14V), CE = VIH, and OE =
VIL.
Program Mode
Programming is performed exactly as it is in conventional UVEPROMs, and programming is the only
way to change cell data from "1" to "0." The program mode is entered when VPP is raised to VPP
(12V), VCC = VCP (5V), OE = VIH, the address pins equal the desired address, and the input pins
equal the desired inputs. Pulsing CE low starts the programming operation.
Program Verify Mode
All of the bytes in the chip must be verified to check whether or not they have been successfully
programmed with the desired data. Hence, after each byte is programmed, a program verify
operation should be performed. The program verify mode automatically ensures a substantial
program margin. This mode will be entered after the program operation if VPP = VPP (12V), CE = VIH,
and OE = VIL.
Erase/Program Inhibit
Erase or program inhibit mode allows parallel erasing or programming of multiple chips with different
data. When CE = VIH, erasing or programming of non-target chips is inhibited, so that except for the
CE and OE pins, the W27E257 may have common inputs.


Similar Part No. - W27E257

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E020-12 WINBOND-W27E020-12 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E020-70 WINBOND-W27E020-70 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E020-90 WINBOND-W27E020-90 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27E257

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com