Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W27E020 Datasheet(PDF) 13 Page - Winbond

Part # W27E020
Description  256K X 8 ELECTRICALLY ERASABLE EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27E020 Datasheet(HTML) 13 Page - Winbond

Back Button W27E020 Datasheet HTML 6Page - Winbond W27E020 Datasheet HTML 7Page - Winbond W27E020 Datasheet HTML 8Page - Winbond W27E020 Datasheet HTML 9Page - Winbond W27E020 Datasheet HTML 10Page - Winbond W27E020 Datasheet HTML 11Page - Winbond W27E020 Datasheet HTML 12Page - Winbond W27E020 Datasheet HTML 13Page - Winbond W27E020 Datasheet HTML 14Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Preliminary W27E020
Publication Release Date: December 1997
- 13 -
Revision A1
PACKAGE DIMENSIONS
32-pin P-DIP
Seating Plane
eA
2
A
a
c
E
Base Plane
1
A
1
e
L
A
S
1
E
D
1
B
B
32
1
16
17
1. Dimensions D Max. & S include mold flash or
tie bar burrs.
2. Dimension E1 does not include interlead flash.
3. Dimensions D & E1 include mold mismatch and
are determined at the mold parting line.
6. General appearance spec. should be based on
final visual inspection spec.
Notes:
4. Dimension B1 does not include dambar
protrusion/intrusion.
5. Controlling dimension: Inches.
1.37
1.22
0.054
0.048
Symbol
Min. Nom. Max.
Max.
Nom.
Min.
Dimension in Inches
Dimension in mm
A
B
c
D
e
A
L
S
A
A
1
2
E
0.050
1.27
0.210
5.33
0.010
0.150
0.016
0.155
0.018
0.160
0.022
3.81
0.41
0.25
3.94
0.46
4.06
0.56
0.008
0.120
0.670
0.010
0.130
0.014
0.140
0.20
3.05
0.25
3.30
0.36
3.56
0.540
0.555
0.550
13.84
14.10
13.97
17.02
15.24
14.99
15.49
0.600
0.590
0.610
2.29
2.54
2.79
0.090
0.100
0.110
B 1
1
e
E 1
a
1.650
1.660
41.91
42.16
0
15
0.085
2.16
0.650
0.630
16.00
16.51
15
0
32-Lead PLCC
L
c
1
b
2
A
H
E
E
e
b
D
H
D
y
A
A
1
Seating Plane
E
G
G D
1
13
14
20
29
32
4
5
21
30
Notes:
1. Dimensions D & E do not include interlead flash.
2. Dimension b does not include dambar protrusion/intrusion.
3. Controlling dimension: Inches.
4. General appearance spec. should be based on
final
visual inspection sepc.
θ
Symbol
Min.
Nom.
Max.
Max.
Nom.
Min.
Dimension in Inches
Dimension in mm
A
b
c
D
e
H E
L
y
A
A
1
2
E
b 1
G D
3.56
0.50
H D
GE
0.020
0.140
2.80
2.67
2.93
0.71
0.66
0.81
0.41
0.46
0.56
0.20
0.25
0.35
13.89
13.97
14.05
11.35
11.43
11.51
1.27
12.45
12.95
13.46
0.530
0.510
0.490
0.050
0.453
0.450
0.447
0.553
0.550
0.547
0.014
0.010
0.008
0.022
0.018
0.016
0.032
0.026
0.028
0.115
0.105
0.110
1.12
1.42
0.044
0.056
10°
10°
9.91
10.41
10.92
14.86
14.99
15.11
12.32
12.45
12.57
1.91
2.29
0.004
0.095
0.090
0.075
0.495
0.490
0.485
0.595
0.590
0.585
0.430
0.410
0.390
0.10
2.41
θ


Similar Part No. - W27E020

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
512K X 8 ELECTRICALLY ERASABLE EPROM
W27E040-12 WINBOND-W27E040-12 Datasheet
174Kb / 15P
512K X 8 ELECTRICALLY ERASABLE EPROM
W27E040-90 WINBOND-W27E040-90 Datasheet
174Kb / 15P
512K X 8 ELECTRICALLY ERASABLE EPROM
W27E040P-12 WINBOND-W27E040P-12 Datasheet
174Kb / 15P
512K X 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27E020

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020 WINBOND-W27C020 Datasheet
160Kb / 14P
256K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
256K X 8 ELECTRICALLY ERASABLE EPROM
W27C4096 WINBOND-W27C4096 Datasheet
230Kb / 15P
256K X 16 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
512K X 8 ELECTRICALLY ERASABLE EPROM
W27E257 WINBOND-W27E257 Datasheet
227Kb / 14P
32K X 8 ELECTRICALLY ERASABLE EPROM
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com