Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W27E020 Datasheet(PDF) 7 Page - Winbond

Part # W27E020
Description  256K X 8 ELECTRICALLY ERASABLE EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27E020 Datasheet(HTML) 7 Page - Winbond

Back Button W27E020 Datasheet HTML 3Page - Winbond W27E020 Datasheet HTML 4Page - Winbond W27E020 Datasheet HTML 5Page - Winbond W27E020 Datasheet HTML 6Page - Winbond W27E020 Datasheet HTML 7Page - Winbond W27E020 Datasheet HTML 8Page - Winbond W27E020 Datasheet HTML 9Page - Winbond W27E020 Datasheet HTML 10Page - Winbond W27E020 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Preliminary W27E020
Publication Release Date: December 1997
- 7 -
Revision A1
DC PROGRAMMING CHARACTERISTICS
(VCC = 5.0V
±10%, TA = 25° C ±5° C)
PARAMETER
SYM.
CONDITIONS
LIMITS
UNIT
MIN.
TYP.
MAX.
Input Load Current
ILI
VIN = VIL or VIH
-
-
±10
µA
VCC Program Current
ICP
CE = VIL, OE = VIH,
PGM = VIL
-
-
30
mA
VPP Program Current
IPP
CE = VIL, OE = VIH,
PGM = VIL
-
-
30
mA
Input Low Voltage
VIL
-
-0.3
-
0.8
V
Input High Voltage
VIH
-
2.4
-
5.5
V
Output Low Voltage (Verify)
VOL
IOL = 2.1 mA
-
-
0.45
V
Output High Voltage (Verify)
VOH
IOH = -0.4 mA
2.4
-
-
V
A9 Silicon I. D. Voltage
VID
-
11.5
12.0
12.5
V
VPP Program Voltage
VPP
-
11.75
12.0
12.25
V
VCC Supply Voltage (Program)
VCP
-
4.5
5.0
5.5
V
AC PROGRAMMING/ERASE CHARACTERISTICS
(VCC = 5.0V
±10%, TA = 25° C ±5° C)
PARAMETER
SYM.
LIMITS
UNIT
MIN.
TYP.
MAX.
VPP Setup Time
TVPS
2.0
-
-
µS
Address Setup Time
TAS
2.0
-
-
µS
Data Setup Time
TDS
2.0
-
-
µS
PGM Program Pulse Width
TPWP
95
100
105
µS
PGM Erase Pulse Width
TPWE
95
100
105
mS
Data Hold Time
TDH
2.0
-
-
µS
OE Setup Time
TOES
2.0
-
-
µS
Data Valid from OE
TOEV
-
-
150
nS
OE High to Output High Z
TDFP
0
-
130
nS
Address Hold Time after PGM High
TAH
0
-
-
µS
Address Hold Time (Erase)
TAHE
2.0
-
-
µS
CE Setup Time
TCES
2.0
-
-
µS
Note: VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP.


Similar Part No. - W27E020

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27E040-12 WINBOND-W27E040-12 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27E040-90 WINBOND-W27E040-90 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27E040P-12 WINBOND-W27E040P-12 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27E020

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C020 WINBOND-W27C020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C4096 WINBOND-W27C4096 Datasheet
230Kb / 15P
   256K X 16 ELECTRICALLY ERASABLE EPROM
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E257 WINBOND-W27E257 Datasheet
227Kb / 14P
   32K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com