Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W27E020 Datasheet(PDF) 5 Page - Winbond

Part # W27E020
Description  256K X 8 ELECTRICALLY ERASABLE EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27E020 Datasheet(HTML) 5 Page - Winbond

  W27E020 Datasheet HTML 1Page - Winbond W27E020 Datasheet HTML 2Page - Winbond W27E020 Datasheet HTML 3Page - Winbond W27E020 Datasheet HTML 4Page - Winbond W27E020 Datasheet HTML 5Page - Winbond W27E020 Datasheet HTML 6Page - Winbond W27E020 Datasheet HTML 7Page - Winbond W27E020 Datasheet HTML 8Page - Winbond W27E020 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary W27E020
Publication Release Date: December 1997
- 5 -
Revision A1
CAPACITANCE
(VCC = 5V, TA = 25
° C, f = 1 MHz)
PARAMETER
SYMBOL
CONDITIONS
MAX.
UNIT
Input Capacitance
CIN
VIN = 0V
6
pF
Output Capacitance
COUT
VOUT = 0V
12
pF
AC CHARACTERISTICS
AC Test Conditions
PARAMETER
CONDITIONS
70 nS
90/120 nS
Input Pulse Levels
0 to 3.0V
0.45V to 2.4V
Input Rise and Fall Times
5 nS
10 nS
Input and Output Timing Reference
Level
1.5V/1.5V
0.8V/2.0V
Output Load
CL = 30 pF,
IOH/IOL = -0.4 mA/2.1 mA
CL = 100 pF,
IOH/IOL = -0.4 mA/2.1 mA
AC Test Load and Waveforms
+1.3V
3.3K ohm
100 pF for 90/120 nS (Including Jig and Scope)
D
(IN914)
OUT
30 pF for 70 nS (Including Jig and Scope)
3.0V
0V
1.5V
Test Point
Test Point
1.5V
For 70 nS
2.4V
0.45V
2.0V
0.8V
2.0V
0.8V
Test Points
Test Points
Input/Output
For 90/120 nS


Similar Part No. - W27E020

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27E040-12 WINBOND-W27E040-12 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27E040-90 WINBOND-W27E040-90 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27E040P-12 WINBOND-W27E040P-12 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27E020

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C020 WINBOND-W27C020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C4096 WINBOND-W27C4096 Datasheet
230Kb / 15P
   256K X 16 ELECTRICALLY ERASABLE EPROM
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E257 WINBOND-W27E257 Datasheet
227Kb / 14P
   32K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com