Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W27C512-45 Datasheet(PDF) 4 Page - Winbond

Part # W27C512-45
Description  64K X 8 ELECTRICALLY ERASABLE EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27C512-45 Datasheet(HTML) 4 Page - Winbond

  W27C512-45 Datasheet HTML 1Page - Winbond W27C512-45 Datasheet HTML 2Page - Winbond W27C512-45 Datasheet HTML 3Page - Winbond W27C512-45 Datasheet HTML 4Page - Winbond W27C512-45 Datasheet HTML 5Page - Winbond W27C512-45 Datasheet HTML 6Page - Winbond W27C512-45 Datasheet HTML 7Page - Winbond W27C512-45 Datasheet HTML 8Page - Winbond W27C512-45 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
W27C512
- 4 -
DC CHARACTERISTICS
Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Operation Temperature
0 to +70
°C
Storage Temperature
-65 to +125
°C
Voltage on all Pins with Respect to Ground Except OE /VPP,
A9 and VCC Pins
-0.5 to VCC +0.5
V
Voltage on OE /VPP Pin with Respect to Ground
-0.5 to +14.5
V
Voltage on A9 Pin with Respect to Ground
-0.5 to +14.5
V
Voltage VCC Pin with Respect to Ground
-0.5 to +7
V
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.
DC Erase Characteristics
(TA = 25
° C ±5° C, VCC = 5.0V ±5%)
PARAMETER
SYM.
CONDITIONS
LIMITS
UNIT
MIN.
TYP.
MAX.
Input Load Current
ILI
VIN = VIL or VIH
-10
-
10
µA
VCC Erase Current
ICP
CE = VIL, OE/VPP = VPE
-
-
30
mA
VPP Erase Current
IPP
CE = VIL,
OE /VPP = VPE
-
-
30
mA
Input Low Voltage
VIL
-
-0.3
-
0.8
V
Input High Voltage
VIH
-
2.4
-
5.5
V
Output Low Voltage (Verify)
VOL
IOL = 2.1 mA
-
-
0.45
V
Output High Voltage (Verify)
VOH
IOH = -0.4 mA
2.4
-
-
-
A9 Erase Voltage
VID
-
13.75
14
14.25
V
VPP Erase Voltage
VPE
-
13.75
14
14.25
V
VCC Supply Voltage (Erase)
VCE
-
4.75
5.0
5.25
V
VCC Supply Voltage
(Erase Verify)
VCE
-
3.5
3.75
4.0
V
Note: VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP.


Similar Part No. - W27C512-45

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520S-70 WINBOND-W27C520S-70 Datasheet
239Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520S-90 WINBOND-W27C520S-90 Datasheet
239Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520W-70 WINBOND-W27C520W-70 Datasheet
239Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520W-90 WINBOND-W27C520W-90 Datasheet
239Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27C512-45

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
256K X 8 ELECTRICALLY ERASABLE EPROM
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
256K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
512K X 8 ELECTRICALLY ERASABLE EPROM
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27L520 WINBOND-W27L520 Datasheet
105Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com