Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8577 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8577
Description  High Voltage 4-CH LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8577 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8577 Datasheet HTML 4Page - Richtek Technology Corporation RT8577 Datasheet HTML 5Page - Richtek Technology Corporation RT8577 Datasheet HTML 6Page - Richtek Technology Corporation RT8577 Datasheet HTML 7Page - Richtek Technology Corporation RT8577 Datasheet HTML 8Page - Richtek Technology Corporation RT8577 Datasheet HTML 9Page - Richtek Technology Corporation RT8577 Datasheet HTML 10Page - Richtek Technology Corporation RT8577 Datasheet HTML 11Page - Richtek Technology Corporation RT8577 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
DS8577-00 November 2011
www.richtek.com
RT8577
PGND
D1
L1
AGND
VIN C
IN
RC
CC
CSS
RSENSE
COUT
21
GND
LED2
OVP/UVP
GND
LED1
CREG
SEN
PGND
DRV
RISET
EN
15
14
13
12
1
2
3
4
11
5
78
9
10
19
18
17
16
6
20
RRT
CF
MSW
R1
VOUT
VIN
RF1
RF2
RDRV
CVCC
PGND
AGND
Locate the CVCC as close to
VCC as possible.
Place the power components as
Close as possible. The traces
should be wide and short especially
for the high current loop.
The exposed pad of the chip
should be connected to ground
plane for thermal consideration.
Separate power ground (PGND) and
analog ground (AGND). Connect AGND
and PGND islands at a single end. Make
sure there are no other connections
between these separate ground planes.
The PGND should be wide and short
enough to connect ground plane.
The compensation circuit and RISET resistor
should be kept away from the power loops and
should be shielded with a ground trace to prevent
any noise coupling.
RISET
Figure 4. PCB Layout Guide


Similar Part No. - RT8577

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT85 ASTRODYNE-RT85 Datasheet
297Kb / 4P
85W Triple Output Switching Power Supply
logo
Richtek Technology Corp...
RT8509 RICHTEK-RT8509 Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
RT8509GQW RICHTEK-RT8509GQW Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
43V Asynchronous Boost WLED Driver
logo
Schaffner International...
RT8522-10-6M0 SCHAFFNER-RT8522-10-6M0 Datasheet
2Mb / 6P
Current-compensated Chokes
More results

Similar Description - RT8577

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8000D FAIRCHILD-FAN8000D Datasheet
270Kb / 13P
4-CH Motor Driver
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
4-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
4-CH Motor Driver
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
4-CH MOTOR DRIVER
logo
Toshiba Semiconductor
TD62783APG TOSHIBA-TD62783APG Datasheet
182Kb / 11P
8 ch High-Voltage Source Driver
TD62783AP TOSHIBA-TD62783AP_06 Datasheet
180Kb / 11P
8 ch High-Voltage Source Driver
logo
Richtek Technology Corp...
RT8560 RICHTEK-RT8560 Datasheet
271Kb / 15P
High Voltage 4 Channel LED Driver
RT8489 RICHTEK-RT8489 Datasheet
310Kb / 16P
High Voltage 4-CH LED Driver Controller
logo
Leadtrend Technology
LD7890 LEADTREND-LD7890 Datasheet
796Kb / 16P
High Voltage 4-Channel LED Controller Driver
logo
First Silicon Co., Ltd
FD62783AP FS-FD62783AP Datasheet
449Kb / 4P
8 ch High-Voltage Source Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com