Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8560 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT8560
Description  High Voltage 4 Channel LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8560 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT8560 Datasheet HTML 7Page - Richtek Technology Corporation RT8560 Datasheet HTML 8Page - Richtek Technology Corporation RT8560 Datasheet HTML 9Page - Richtek Technology Corporation RT8560 Datasheet HTML 10Page - Richtek Technology Corporation RT8560 Datasheet HTML 11Page - Richtek Technology Corporation RT8560 Datasheet HTML 12Page - Richtek Technology Corporation RT8560 Datasheet HTML 13Page - Richtek Technology Corporation RT8560 Datasheet HTML 14Page - Richtek Technology Corporation RT8560 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
RT8560
14
DS8560-01 April 2011
www.richtek.com
)
OUT
IN
OUT
OUT
RIPPLE
OUT
(V
V
I
C
=
VV
f
η
−×
××
×
Layout Guideline
PCB layout is very important for designing power switching
converter circuits. Some recommended layout guides that
should be strictly be followed are shown as follows :
The power components L, D, CVIN, COUT1 and COUT2
must be placed as close as possible to reduce the ac
current loop. The PCB trace between power components
must be as short and wide as possible due to large
current stream flows through these traces during
operation.
Place L and D connected to SW pin as close as possible.
The trace should be short and wide as possible.
It is recommended to place CVcc1 and CVcc2 close to
VCC1 and VCC2 pins.
Pin14 is the compensation point to adjust system
stability. Place the compensation components to pin14
as close as possible, no matter the compensation is
RC or capacitance.
Figure 9. PCB layout
OUT
OUT
IN
OUT
IN
PEAK
IN
OUT
VI
V
T V
V
I
=
V2 L
V
η
××
⎛⎞
+
⎜⎟
×× × ⎝⎠
Where,
VOUT = maximum output voltage.
VIN = minimum input voltage.
f = operating frequency.
IOUT = sum of current from all LED strings.
The boost converter operates in discontinuous mode over
the entire input voltage range when the L1 inductor value
is less than this value L. With an inductance greater than
L, the converter operates in continuous mode at the
minimum input voltage and may be discontinuous at higher
voltages.
The inductor must be selected with a saturated current
rating that is greater than the peak current provided by
the following equation :
Where,
η is the efficiency of the power converter.
Diode Selection
Schottky diode is a good choice for an asynchronous
Boost converter due to the small forward voltage. However,
power dissipation, reverse voltage rating and pulsating peak
current are the important parameters for Schottky diode
selection. Choose a suitable diode whose reverse voltage
rating is greater than the maximum output voltage.
Capacitor Selection
The input capacitor reduces current spikes from the input
supply and minimizes noise injection to the converter. For
most applications, a 10uF ceramic capacitor is sufficient.
A value higher or lower may be used depending on the
noise level from the input supply and the input current to
the converter.
It is recommended to choose a ceramic capacitor bases
on the output voltage ripple requirements. The minimum
value of the output capacitor COUT is approximately given
by the following equation :
1
2
3
4
5
15
14
13
12
11
6
7
89
10
20 19 18
16
17
LED4
GND
GND
GND
GND
SW
SW
EN
OVP
SS
VC
21
COUT1
COUT2
D
VOUT
COUT3
GND
GND
CVIN
L
CVCC1
CVCC2
RVCC2
RVCC1
GND
RVC
CVC1
CVC2
VIN
Place these components
as close as possible.
Locate the CVCC1 and CVCC2 as
close as possible to VCC1 and
VCC2 pin.
Locate the compensation
components to VC pin as
close as possible.


Similar Part No. - RT8560

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8567A RICHTEK-RT8567A Datasheet
288Kb / 13P
6-CH 43V Constant Current LED Driver with PWM Dimming Control
More results

Similar Description - RT8560

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
Universal High Voltage Single Channel LED Driver
logo
Richtek Technology Corp...
RT8577 RICHTEK-RT8577 Datasheet
263Kb / 12P
High Voltage 4-CH LED Driver
logo
Alpha & Omega Semicondu...
AOZ1978 AOSMD-AOZ1978 Datasheet
608Kb / 17P
Dual Channel High Voltage LED Driver IC
logo
Richtek Technology Corp...
RT8489 RICHTEK-RT8489 Datasheet
310Kb / 16P
High Voltage 4-CH LED Driver Controller
logo
Texas Instruments
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
High-Performance 4-Channel LED Driver
logo
ON Semiconductor
CAT3604V ONSEMI-CAT3604V_14 Datasheet
233Kb / 13P
4-Channel LED Driver
August, 2014 ??Rev. 4
CAT3648 ONSEMI-CAT3648_14 Datasheet
203Kb / 13P
4-Channel Ultra High Efficiency LED Driver
August, 2014 ??Rev. 3
logo
uPI Group Inc.
UP6034 UPI-UP6034 Datasheet
165Kb / 12P
4 Channel High Current Balance LED Driver
logo
Leadtrend Technology
LD7890 LEADTREND-LD7890 Datasheet
796Kb / 16P
High Voltage 4-Channel LED Controller Driver
logo
Bright Power Semiconduc...
BP5136HC BPS-BP5136HC Datasheet
429Kb / 2P
High Voltage Multi-channel linear LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com