Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8560 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT8560
Description  High Voltage 4 Channel LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8560 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT8560 Datasheet HTML 7Page - Richtek Technology Corporation RT8560 Datasheet HTML 8Page - Richtek Technology Corporation RT8560 Datasheet HTML 9Page - Richtek Technology Corporation RT8560 Datasheet HTML 10Page - Richtek Technology Corporation RT8560 Datasheet HTML 11Page - Richtek Technology Corporation RT8560 Datasheet HTML 12Page - Richtek Technology Corporation RT8560 Datasheet HTML 13Page - Richtek Technology Corporation RT8560 Datasheet HTML 14Page - Richtek Technology Corporation RT8560 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
RT8560
12
DS8560-01 April 2011
www.richtek.com
Applications Information
The RT8560 is a current mode boost converter operated
at 1MHz to power up to 60 white LEDs with a
programmable current for uniform intensity. The part
integrates current sources, soft-start, and easy analog
and digital dimming control. The protection block provides
the circuitry for over-temperature, over-voltage and current-
limit protection features.
Input UVLO
The input operating voltage range of the RT8560 is 7V to
40V. An input capacitor at the VCC1 and VCC2 pin can
reduce ripple voltage. It is recommended to use a ceramic
10uF or larger capacitance as the input capacitor. This IC
provides an under voltage lockout (UVLO) function to
enhance the stability when startup. The UVLO threshold
of input rising voltage is around 6.2V.
Power Sequence
Please refer to the below Figure 5 and 7. The
recommended power-on sequence is that the PWM ready
before EN and/or VIN ready. If not, the Soft-Start function
will be disabled. As to power-off sequence, the EN/VIN
must be pulled low within 10ms to prevent
“Hard-Start”
shown as Figure 7.
LED
ISET
5.36k
I
= 20mA
R
×
Soft Start
The RT8560 employs a soft start feature to limit the inrush
current. The soft-start circuit prevents the excessive inrush
current and input voltage droop. The soft-start time is
determined by capacitor CSS connected to SS with a 7uA
constant current to charge CSS. The value of capacitor
CSS is user-defined to satisfy designer' requirement.
LED connection
The RT8560 equips 4 channel LED divers and each channel
supports up to 15 LEDs. The 4 LED strings are connected
from VOUT to pin 15, 16, 17 and 18 respectively. If one of
the LED channel is not used, the LED pin should be
opened directly.
Setting and Regulation of LED current
The LED current can be calculated by the following
equation :
EN must be turned
on late than VIN
and PWM signal
EN must be turned
off early than VIN
and PWM signal
Power-on
sequence
EN
VIN
PWM
Power-off
sequence
UVLO
VOUT
Soft-Start
No Soft-Start
Abnormal Power-
on sequence
If PWM turns
on late
Figure 5. Power-On Sequence Control by EN
VIN must be
turned on late
than EN and
PWM signal
VIN must be turned
off early than EN and
PWM signal
Power-on
sequence
EN
VIN
PWM
Power-off
sequence
UVLO
VOUT
Soft-Start
No Soft-Start
Abnormal Power-
on sequence
If PWM turns
on late
Figure 6. Power-On Sequence Control by VIN
PWM
EN/VIN
EN and/or VIN should be
pulled low once PWM pull low
for over 10ms
10ms
Figure 7. To Prevent
“Hard-Start” Sequence


Similar Part No. - RT8560

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8567A RICHTEK-RT8567A Datasheet
288Kb / 13P
6-CH 43V Constant Current LED Driver with PWM Dimming Control
More results

Similar Description - RT8560

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7890 LEADTREND-LD7890 Datasheet
796Kb / 16P
High Voltage 4-Channel LED Controller Driver
logo
Richtek Technology Corp...
RT8577 RICHTEK-RT8577 Datasheet
263Kb / 12P
High Voltage 4-CH LED Driver
logo
Texas Instruments
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
High-Performance 4-Channel LED Driver
logo
ON Semiconductor
CAT3604V ONSEMI-CAT3604V_14 Datasheet
233Kb / 13P
4-Channel LED Driver
August, 2014 ??Rev. 4
logo
Richtek Technology Corp...
RT8489 RICHTEK-RT8489 Datasheet
310Kb / 16P
High Voltage 4-CH LED Driver Controller
logo
uPI Group Inc.
UP6034 UPI-UP6034 Datasheet
165Kb / 12P
4 Channel High Current Balance LED Driver
logo
ON Semiconductor
CAT3648 ONSEMI-CAT3648_14 Datasheet
203Kb / 13P
4-Channel Ultra High Efficiency LED Driver
August, 2014 ??Rev. 3
logo
Alpha & Omega Semicondu...
AOZ1978 AOSMD-AOZ1978 Datasheet
608Kb / 17P
Dual Channel High Voltage LED Driver IC
logo
Bright Power Semiconduc...
BP5136HC BPS-BP5136HC Datasheet
429Kb / 2P
High Voltage Multi-channel linear LED Driver
logo
alpha microelectronics ...
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
Universal High Voltage Single Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com