Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8560 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8560
Description  High Voltage 4 Channel LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8560 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8560 Datasheet HTML 6Page - Richtek Technology Corporation RT8560 Datasheet HTML 7Page - Richtek Technology Corporation RT8560 Datasheet HTML 8Page - Richtek Technology Corporation RT8560 Datasheet HTML 9Page - Richtek Technology Corporation RT8560 Datasheet HTML 10Page - Richtek Technology Corporation RT8560 Datasheet HTML 11Page - Richtek Technology Corporation RT8560 Datasheet HTML 12Page - Richtek Technology Corporation RT8560 Datasheet HTML 13Page - Richtek Technology Corporation RT8560 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
RT8560
10
DS8560-01 April 2011
www.richtek.com
Limit Current vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
8
101214161820
222426283032
Input Voltage (V)
Power On from EN
Time (5ms/Div)
IIN
(500mADiv)
VOUT
(20V/Div)
VEN
(2V/Div)
VIN = 12V, CSS = 0.1uF
ACTL Voltage vs. Temperature
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
VIN = 12V
OVP Voltage vs. Input Voltage
2.2
2.3
2.4
2.5
2.6
2.7
2.8
8
1216
2024
28
3236
40
Input Voltage (V)
OVP Voltage vs. Temperature
2.30
2.32
2.34
2.36
2.38
2.40
2.42
2.44
2.46
2.48
2.50
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
VIN = 12V
SS Current vs. Input Voltage
0
1
2
3
4
5
6
7
8
9
10
8
1216
2024
28
3236
40
Input Voltage (V)
CSS = 0.1uF


Similar Part No. - RT8560

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8567A RICHTEK-RT8567A Datasheet
288Kb / 13P
6-CH 43V Constant Current LED Driver with PWM Dimming Control
More results

Similar Description - RT8560

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7890 LEADTREND-LD7890 Datasheet
796Kb / 16P
High Voltage 4-Channel LED Controller Driver
logo
Richtek Technology Corp...
RT8577 RICHTEK-RT8577 Datasheet
263Kb / 12P
High Voltage 4-CH LED Driver
logo
Texas Instruments
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
High-Performance 4-Channel LED Driver
logo
ON Semiconductor
CAT3604V ONSEMI-CAT3604V_14 Datasheet
233Kb / 13P
4-Channel LED Driver
August, 2014 ??Rev. 4
logo
Richtek Technology Corp...
RT8489 RICHTEK-RT8489 Datasheet
310Kb / 16P
High Voltage 4-CH LED Driver Controller
logo
uPI Group Inc.
UP6034 UPI-UP6034 Datasheet
165Kb / 12P
4 Channel High Current Balance LED Driver
logo
ON Semiconductor
CAT3648 ONSEMI-CAT3648_14 Datasheet
203Kb / 13P
4-Channel Ultra High Efficiency LED Driver
August, 2014 ??Rev. 3
logo
Alpha & Omega Semicondu...
AOZ1978 AOSMD-AOZ1978 Datasheet
608Kb / 17P
Dual Channel High Voltage LED Driver IC
logo
Bright Power Semiconduc...
BP5136HC BPS-BP5136HC Datasheet
429Kb / 2P
High Voltage Multi-channel linear LED Driver
logo
alpha microelectronics ...
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
Universal High Voltage Single Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com