Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8560 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8560
Description  High Voltage 4 Channel LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8560 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8560 Datasheet HTML 5Page - Richtek Technology Corporation RT8560 Datasheet HTML 6Page - Richtek Technology Corporation RT8560 Datasheet HTML 7Page - Richtek Technology Corporation RT8560 Datasheet HTML 8Page - Richtek Technology Corporation RT8560 Datasheet HTML 9Page - Richtek Technology Corporation RT8560 Datasheet HTML 10Page - Richtek Technology Corporation RT8560 Datasheet HTML 11Page - Richtek Technology Corporation RT8560 Datasheet HTML 12Page - Richtek Technology Corporation RT8560 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RT8560
9
DS8560-01 April 2011
www.richtek.com
Frequency vs. Input Voltage
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
8
1012
14161820
2224
Input Voltage (V)
LED Current vs. DCTL PWM Duty Cycle
0
5
10
15
20
25
20
30
40
50
60
70
80
90
100
Duty Cycle (%)
DCTL = 200Hz
DCTL = 1kHz
DCTL = 10kHz
DCTL = 0V to 3V, VIN = 12V
LED Current vs. ACTL Voltage
0
5
10
15
20
25
0
0.25
0.5
0.75
1
1.25
1.5
ACTL Voltage (V)
VIN = 12V
Shutdown Current vs. Input Voltage
0
5
10
15
20
25
30
35
40
8
12
162024
2832
3640
Input Voltage (V)
VEN = 0V
Switch Off Current vs. Input Voltage
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
8
12
162024
2832
3640
Input Voltage (V)
VC = 0V
SS Current vs. Temperature
0
1
2
3
4
5
6
7
8
9
10
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
VIN = 12V, CSS = 0.1uF


Similar Part No. - RT8560

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8567A RICHTEK-RT8567A Datasheet
288Kb / 13P
6-CH 43V Constant Current LED Driver with PWM Dimming Control
More results

Similar Description - RT8560

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
Universal High Voltage Single Channel LED Driver
logo
Richtek Technology Corp...
RT8577 RICHTEK-RT8577 Datasheet
263Kb / 12P
High Voltage 4-CH LED Driver
logo
Alpha & Omega Semicondu...
AOZ1978 AOSMD-AOZ1978 Datasheet
608Kb / 17P
Dual Channel High Voltage LED Driver IC
logo
Richtek Technology Corp...
RT8489 RICHTEK-RT8489 Datasheet
310Kb / 16P
High Voltage 4-CH LED Driver Controller
logo
Texas Instruments
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
High-Performance 4-Channel LED Driver
logo
ON Semiconductor
CAT3604V ONSEMI-CAT3604V_14 Datasheet
233Kb / 13P
4-Channel LED Driver
August, 2014 ??Rev. 4
CAT3648 ONSEMI-CAT3648_14 Datasheet
203Kb / 13P
4-Channel Ultra High Efficiency LED Driver
August, 2014 ??Rev. 3
logo
uPI Group Inc.
UP6034 UPI-UP6034 Datasheet
165Kb / 12P
4 Channel High Current Balance LED Driver
logo
Leadtrend Technology
LD7890 LEADTREND-LD7890 Datasheet
796Kb / 16P
High Voltage 4-Channel LED Controller Driver
logo
Bright Power Semiconduc...
BP5136HC BPS-BP5136HC Datasheet
429Kb / 2P
High Voltage Multi-channel linear LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com