Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8525D Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8525D
Description  Current Mode Boost Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8525D Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8525D Datasheet HTML 1Page - Richtek Technology Corporation RT8525D Datasheet HTML 2Page - Richtek Technology Corporation RT8525D Datasheet HTML 3Page - Richtek Technology Corporation RT8525D Datasheet HTML 4Page - Richtek Technology Corporation RT8525D Datasheet HTML 5Page - Richtek Technology Corporation RT8525D Datasheet HTML 6Page - Richtek Technology Corporation RT8525D Datasheet HTML 7Page - Richtek Technology Corporation RT8525D Datasheet HTML 8Page - Richtek Technology Corporation RT8525D Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
RT8525D
DS8525D-00 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
UVLO
12V LDO
OTP
+
-
+
-
OVP/OUVP
Logic
Q
Q
S
R
OSC
+
-
OC
+
-
Blanking
PWM
Controller
-
+
-
EA
0.1V
2.5V
0.4V
1.25V
4µA
FAULT
Protection
FAULT
VDC
VIN
FSW
OVP
DRV
ISW
FB
COMP
SS
EN
GND
VOS
Operation
The RT8525D is a wide input operating voltage range and
current mode step up controller. High voltage output and
large output current are feasible by using an external N-
MOSFET.
The error amplifier EA adjusts COMP voltage by comparing
the feedback signal from the output voltage with the internal
1.25V reference.
Fault Protection
The protection functions include output over voltage, output
under voltage, over temperature protection. The FAULT
pin will be pulled low once a protection is triggered, and a
suitable pulled-high RFLT is required. The detail description
can refer to the Figure 2. Fault Protection Function Block.
Blanking
N-MOSFET current is measured by external RS. The slope
compensator works together with sensing voltage of
RSENSE to the ISW pin. There is need blanking time to
avoid noise and parasitism effect.


Similar Part No. - RT8525D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8525D RICHTEK-RT8525D Datasheet
472Kb / 39P
   USB PD Port and Power Controller
February 2017
More results

Similar Description - RT8525D

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5322 GMT-G5322 Datasheet
167Kb / 2P
   Current Mode Boost Controller
G5321 GMT-G5321 Datasheet
86Kb / 1P
   Current Mode Boost Controller
logo
Linear Technology
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LTC3872-1 LINER-LTC3872-1_15 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
logo
Semtech Corporation
SC4508 SEMTECH-SC4508 Datasheet
203Kb / 10P
   Buck or Buck-Boost(Inverting) Current Mode Controller
logo
Linear Technology
LTC3872-1 LINER-LTC3872-1 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
logo
Semtech Corporation
SC4508A SEMTECH-SC4508A Datasheet
418Kb / 21P
   Buck or Buck-Boost (Inverting) Current Mode Controller
logo
Linear Technology
LTC3872 LINER-LTC3872_15 Datasheet
256Kb / 22P
   No RSENSE Current Mode Boost DC/DC Controller
logo
Monolithic Power System...
EV3910A-S-00A MPS-EV3910A-S-00A Datasheet
336Kb / 7P
   Peak Current Mode PWM Controller Boost EV Board
EV3910-K-00B MPS-EV3910-K-00B Datasheet
371Kb / 8P
   Peak Current Mode PWM Controller Boost EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com