Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8525D Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8525D
Description  Current Mode Boost Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8525D Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8525D Datasheet HTML 1Page - Richtek Technology Corporation RT8525D Datasheet HTML 2Page - Richtek Technology Corporation RT8525D Datasheet HTML 3Page - Richtek Technology Corporation RT8525D Datasheet HTML 4Page - Richtek Technology Corporation RT8525D Datasheet HTML 5Page - Richtek Technology Corporation RT8525D Datasheet HTML 6Page - Richtek Technology Corporation RT8525D Datasheet HTML 7Page - Richtek Technology Corporation RT8525D Datasheet HTML 8Page - Richtek Technology Corporation RT8525D Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
RT8525D
www.richtek.com
DS8525D-00 June 2012
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VDC
Output of Internal Pre-Regulator.
2
VIN
IC Power Supply.
3
COMP
Compensation for Error Amplifier. Connect a compensation network to ground.
4
SS
External Capacitor to Adjust Soft-Start Time.
5
FSW
Frequency Adjust Pin. This pin allows setting the switching frequency with a
resistor from 50kHz to 600kHz.
6
FAULT
Open Drain Output for Fault Detection.
7
FB
Feedback to Error Amplifier Input.
8
OVP
Sense Output Voltage for Over Voltage Protection and Under Voltage Protection.
9
ISW
External MOSFET Switch Current Sense Pin. Connect the current sense resistor
between the external N-MOSFET switch and ground.
10,
13 (Exposed Pad)
GND
Ground of Boost Controller. The exposed pad must be soldered to a large PCB
and connected to GND for maximum power dissipation.
11
DRV
Drive Output for the N-MOSFET.
12
EN
Chip Enable (Active High).


Similar Part No. - RT8525D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8525D RICHTEK-RT8525D Datasheet
472Kb / 39P
   USB PD Port and Power Controller
February 2017
More results

Similar Description - RT8525D

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5322 GMT-G5322 Datasheet
167Kb / 2P
   Current Mode Boost Controller
G5321 GMT-G5321 Datasheet
86Kb / 1P
   Current Mode Boost Controller
logo
Linear Technology
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LTC3872-1 LINER-LTC3872-1_15 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
logo
Semtech Corporation
SC4508 SEMTECH-SC4508 Datasheet
203Kb / 10P
   Buck or Buck-Boost(Inverting) Current Mode Controller
logo
Linear Technology
LTC3872-1 LINER-LTC3872-1 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
logo
Semtech Corporation
SC4508A SEMTECH-SC4508A Datasheet
418Kb / 21P
   Buck or Buck-Boost (Inverting) Current Mode Controller
logo
Linear Technology
LTC3872 LINER-LTC3872_15 Datasheet
256Kb / 22P
   No RSENSE Current Mode Boost DC/DC Controller
logo
Monolithic Power System...
EV3910A-S-00A MPS-EV3910A-S-00A Datasheet
336Kb / 7P
   Peak Current Mode PWM Controller Boost EV Board
EV3910-K-00B MPS-EV3910-K-00B Datasheet
371Kb / 8P
   Peak Current Mode PWM Controller Boost EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com