Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8525D Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8525D
Description  Current Mode Boost Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8525D Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8525D Datasheet HTML 1Page - Richtek Technology Corporation RT8525D Datasheet HTML 2Page - Richtek Technology Corporation RT8525D Datasheet HTML 3Page - Richtek Technology Corporation RT8525D Datasheet HTML 4Page - Richtek Technology Corporation RT8525D Datasheet HTML 5Page - Richtek Technology Corporation RT8525D Datasheet HTML 6Page - Richtek Technology Corporation RT8525D Datasheet HTML 7Page - Richtek Technology Corporation RT8525D Datasheet HTML 8Page - Richtek Technology Corporation RT8525D Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT8525D
®
DS8525D-00 June 2012
www.richtek.com
1
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Current Mode Boost Controller
Pin Configurations
WDFN-12L 3x3
(TOP VIEW)
Marking Information
General Description
The RT8525D is a wide input operating voltage range step
up controller. High voltage output and large output current
are feasible by using an externalN-MOSFET. The RT8525D
input operating range is from 4.5V to 25V.
The RT8525Dis an optimized design for wide output voltage
range applications. The output voltage of the RT8525D can
be adjusted by the FB pin.
Features
VIN Range : 4.5V to 25V
Programmable Soft-Start Time
Programmable Boost SW Frequency from 50kHz to
600kHz
Output Over Voltage Protection
Output Under Voltage Protection
12-Lead WDFN Package
RoHS Compliant and Halogen Free
Applications
LCD TV, Monitor Display Backlight
LEDDriver Application
High Current High Output Voltage DC/DC Converters
High Input Voltage DC/DC Converters
Package Type
QW : WDFN-12L 3x3 (W-Type)
RT8525D
Lead Plating System
G : Green (Halogen Free and Pb Free)
VDC
VIN
FSW
SS
EN
DRV
GND
OVP
ISW
COMP
FAULT
FB
11
10
9
1
2
3
4
5
12
67
8
13
Simplified Application Circuit
COUT
RFB1
RFB2
ROVP1
ROVP2
RS
RSLP
M1
D1
VOUT
L1
DRV
ISW
GND
OVP
FAULT
RT8525D
VIN
VDC
CDC
EN
Chip Enable
CVIN
CC2
RC
CC1
RSW
CSS
FSW
SS
COMP
FB
RFLT
12V
COVP
CIN
VIN
0F=YM
DNN
0F= : Product Code
YMDNN : Date Code


Similar Part No. - RT8525D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8525D RICHTEK-RT8525D Datasheet
472Kb / 39P
USB PD Port and Power Controller
February 2017
More results

Similar Description - RT8525D

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5322 GMT-G5322 Datasheet
167Kb / 2P
Current Mode Boost Controller
G5321 GMT-G5321 Datasheet
86Kb / 1P
Current Mode Boost Controller
logo
Linear Technology
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
Current Mode Boost Flyback and SEPIC Controller
LTC3872-1 LINER-LTC3872-1_15 Datasheet
302Kb / 20P
No RSENSE Current Mode Boost DC/DC Controller
logo
Semtech Corporation
SC4508 SEMTECH-SC4508 Datasheet
203Kb / 10P
Buck or Buck-Boost(Inverting) Current Mode Controller
logo
Linear Technology
LTC3872-1 LINER-LTC3872-1 Datasheet
302Kb / 20P
No RSENSE Current Mode Boost DC/DC Controller
logo
Semtech Corporation
SC4508A SEMTECH-SC4508A Datasheet
418Kb / 21P
Buck or Buck-Boost (Inverting) Current Mode Controller
logo
Linear Technology
LTC3872 LINER-LTC3872_15 Datasheet
256Kb / 22P
No RSENSE Current Mode Boost DC/DC Controller
logo
Monolithic Power System...
EV3910A-S-00A MPS-EV3910A-S-00A Datasheet
336Kb / 7P
Peak Current Mode PWM Controller Boost EV Board
EV3910-K-00B MPS-EV3910-K-00B Datasheet
371Kb / 8P
Peak Current Mode PWM Controller Boost EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com