Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8525 Datasheet(PDF) 4 Page - Richco, Inc.

Part # RT8525
Description  Boost Controller with Dimming Control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHCO [Richco, Inc.]
Direct Link  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

RT8525 Datasheet(HTML) 4 Page - Richco, Inc.

  RT8525 Datasheet HTML 1Page - Richco, Inc. RT8525 Datasheet HTML 2Page - Richco, Inc. RT8525 Datasheet HTML 3Page - Richco, Inc. RT8525 Datasheet HTML 4Page - Richco, Inc. RT8525 Datasheet HTML 5Page - Richco, Inc. RT8525 Datasheet HTML 6Page - Richco, Inc. RT8525 Datasheet HTML 7Page - Richco, Inc. RT8525 Datasheet HTML 8Page - Richco, Inc. RT8525 Datasheet HTML 9Page - Richco, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
RT8525
www.richtek.com
DS8525-01 March 2012
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a low effective thermal conductivity single-layer test board per JEDEC 51-3.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions..
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Boost Controller
Switching Frequency
fSW
RSW = 56kΩ
--
200
--
kHz
Minimum On-Time
tMON
--
250
--
ns
Maximum Duty
DMAX
Switching
90
--
--
%
Feedback Voltage
VFB
1.225 1.25
1.275
V
Slope Compensation
Peak Magnitude of Slope
Compensation Current
ISLOPE, PK
--
50
--
μA
Soft-Start
Soft-Start Current
ISS
3
4
5
μA
Gate Driver
RDS(ON)_N
ISINK = 100mA (N-MOSFET)
--
1
--
Ω
DRV On-Resistance
RDS(ON)_P
ISOURCE = 100mA (P-MOSFET)
--
1.5
--
Ω
Peak Sink Current
IPEAKsk
CLOAD = 1nF
--
2.2
--
A
Peak Source Current
IPEAKsr
CLOAD = 1nF
--
2.55
--
A
Rise Time
tr
CLOAD = 1nF
--
6
--
ns
Fall Time
tf
CLOAD = 1nF
--
5
--
ns
PWM Dimming Control
Logic-High
VPWMI_H
2
--
--
PWMI
Threshold
Voltage
Logic-Low
VPWMI_L
--
--
0.8
V
Protection Function
OCP Threshold
VOCP
Including Slope Compensation Magnitude
--
0.4
--
V
VOUT OVP Threshold
VOVP
2.375
2.5
2.625
V
VOUT UVP Threshold
VUVP
--
0.1
--
V
Thermal Shutdown
Temperature
TSD
--
150
--
°C
Thermal Shutdown
Hysteresis
ΔTSD
--
50
--
°C


Similar Part No. - RT8525

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8525D RICHTEK-RT8525D Datasheet
237Kb / 12P
   Current Mode Boost Controller
RT8525D RICHTEK-RT8525D Datasheet
472Kb / 39P
   USB PD Port and Power Controller
February 2017
More results

Similar Description - RT8525

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3463 TI1-LM3463 Datasheet
1Mb / 33P
[Old version datasheet]   Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3463 TI1-LM3463_12 Datasheet
1Mb / 40P
[Old version datasheet]   LM3463 Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Linear Technology
LT8710 LINER-LT8710_15 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
logo
Texas Instruments
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Linear Technology
LT8710 LINER-LT8710 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
logo
Texas Instruments
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Shenzhen Huazhimei Semi...
HM1308 HMSEMI-HM1308 Datasheet
584Kb / 6P
   PWM control DC-DC boost controller
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Phihong USA Inc.
PIA01RZ-012-P PHIHONG-PIA01RZ-012-P Datasheet
50Kb / 2P
   One Output with out Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com