Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8525 Datasheet(PDF) 2 Page - Richco, Inc.

Part # RT8525
Description  Boost Controller with Dimming Control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHCO [Richco, Inc.]
Direct Link  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

RT8525 Datasheet(HTML) 2 Page - Richco, Inc.

  RT8525 Datasheet HTML 1Page - Richco, Inc. RT8525 Datasheet HTML 2Page - Richco, Inc. RT8525 Datasheet HTML 3Page - Richco, Inc. RT8525 Datasheet HTML 4Page - Richco, Inc. RT8525 Datasheet HTML 5Page - Richco, Inc. RT8525 Datasheet HTML 6Page - Richco, Inc. RT8525 Datasheet HTML 7Page - Richco, Inc. RT8525 Datasheet HTML 8Page - Richco, Inc. RT8525 Datasheet HTML 9Page - Richco, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
RT8525
www.richtek.com
DS8525-01 March 2012
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VDC
Output of Internal Pre-Regulator.
2
VIN
IC Power Supply.
3
COMP
Compensation for Error Amplifier. Connect a compensation network to ground.
4
SS
External Capacitor to Adjust Soft-Start Time.
5
FSW
Frequency Adjust Pin. This pin allows setting the switching frequency with a resistor
from 50kHz to 600kHz.
6
AGND
Analog Ground.
7
PWMI
External Digital Input for Dimming Function.
8
FAULT
Open Drain Output for Fault Detection.
9
FB
Feedback to Error Amplifier Input.
10
OOVP
Sense Output Voltage for Over Voltage Protection and Under Voltage Protection.
11
ISW
External MOSFET Switch Current Sense Pin. Connect the current sense resistor
between the external N-MOSFET switch and ground.
12
EN
Chip Enable (Active High).
13
PGND
Power Ground of Boost Controller.
14
DRV
Drive Output for the N-MOSFET.
UVLO
12V LDO
OTP
+
-
+
-
OOVP/OUVP
Logic
Q
Q
S
R
OSC
+
-
OC
+
-
Blanking
PWM
Controller
-
+
-
EA
0.1V
2.5V
0.4V
1.25V
4µA
FAULT
Protection
FAULT
VDC
VIN
FSW
OOVP
DRV
ISW
FB
COMP
SS
EN
VOS
PWMI
AGND
PGND


Similar Part No. - RT8525

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8525D RICHTEK-RT8525D Datasheet
237Kb / 12P
Current Mode Boost Controller
RT8525D RICHTEK-RT8525D Datasheet
472Kb / 39P
USB PD Port and Power Controller
February 2017
More results

Similar Description - RT8525

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3463 TI1-LM3463 Datasheet
1Mb / 33P
Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3463 TI1-LM3463_12 Datasheet
1Mb / 40P
LM3463 Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Linear Technology
LT8710 LINER-LT8710_15 Datasheet
646Kb / 44P
Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
logo
Texas Instruments
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Linear Technology
LT8710 LINER-LT8710 Datasheet
646Kb / 44P
Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
logo
Texas Instruments
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Shenzhen Huazhimei Semi...
HM1308 HMSEMI-HM1308 Datasheet
584Kb / 6P
PWM control DC-DC boost controller
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
logo
Phihong USA Inc.
PIA01RZ-012-P PHIHONG-PIA01RZ-012-P Datasheet
50Kb / 2P
One Output with out Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com