Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8525 Datasheet(PDF) 5 Page - Richco, Inc.

Part # RT8525
Description  Boost Controller with Dimming Control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHCO [Richco, Inc.]
Direct Link  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

RT8525 Datasheet(HTML) 5 Page - Richco, Inc.

  RT8525 Datasheet HTML 1Page - Richco, Inc. RT8525 Datasheet HTML 2Page - Richco, Inc. RT8525 Datasheet HTML 3Page - Richco, Inc. RT8525 Datasheet HTML 4Page - Richco, Inc. RT8525 Datasheet HTML 5Page - Richco, Inc. RT8525 Datasheet HTML 6Page - Richco, Inc. RT8525 Datasheet HTML 7Page - Richco, Inc. RT8525 Datasheet HTML 8Page - Richco, Inc. RT8525 Datasheet HTML 9Page - Richco, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
RT8525
DS8525-01 March 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Feedback Voltage vs. Temperature
1.0
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
Temperature (°C)
Feedback Voltage vs. Input Voltage
1.0
1.1
1.2
1.3
1.4
1.5
4
9
14
19
24
29
Input Voltage (V)
Typical Operating Characteristics
Boost Efficiency vs. Load Current
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2
Load Current (A)
VIN = 24V, VOUT = 50V
Switching Frequency vs. Temperature
100
140
180
220
260
300
-50-25
0
25
50
75100
125
Temperature (°C)
RSW = 56k
Ω
Quiescent Current vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
4
9
14
19
24
29
Input Voltage (V)
No Switching
Quiescent Current vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
No Switching


Similar Part No. - RT8525

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8525D RICHTEK-RT8525D Datasheet
237Kb / 12P
   Current Mode Boost Controller
RT8525D RICHTEK-RT8525D Datasheet
472Kb / 39P
   USB PD Port and Power Controller
February 2017
More results

Similar Description - RT8525

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3463 TI1-LM3463 Datasheet
1Mb / 33P
[Old version datasheet]   Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3463 TI1-LM3463_12 Datasheet
1Mb / 40P
[Old version datasheet]   LM3463 Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Linear Technology
LT8710 LINER-LT8710_15 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
logo
Texas Instruments
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Linear Technology
LT8710 LINER-LT8710 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
logo
Texas Instruments
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Shenzhen Huazhimei Semi...
HM1308 HMSEMI-HM1308 Datasheet
584Kb / 6P
   PWM control DC-DC boost controller
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Phihong USA Inc.
PIA01RZ-012-P PHIHONG-PIA01RZ-012-P Datasheet
50Kb / 2P
   One Output with out Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com