Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8223P Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8223P
Description  High Efficiency, Main Power Supply Controller for Notebook Computer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8223P Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8223P Datasheet HTML 1Page - Richtek Technology Corporation RT8223P Datasheet HTML 2Page - Richtek Technology Corporation RT8223P Datasheet HTML 3Page - Richtek Technology Corporation RT8223P Datasheet HTML 4Page - Richtek Technology Corporation RT8223P Datasheet HTML 5Page - Richtek Technology Corporation RT8223P Datasheet HTML 6Page - Richtek Technology Corporation RT8223P Datasheet HTML 7Page - Richtek Technology Corporation RT8223P Datasheet HTML 8Page - Richtek Technology Corporation RT8223P Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
RT8223P
1
DS8223P-01
June 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
High Efficiency, Main Power Supply Controller
for Notebook Computer
General Description
The RT8223P is a dual step-down, switch-mode power
supply controller generating logic-supply voltages in
battery-powered systems. It includes two Pulse Width
Modulation (PWM) controllers adjustable from 2V to 5.5V,
and also features fixed 5V/3.3V linear regulators. Each
linear regulator provides up to 100mA output current with
automatic linear regulator bootstrapping to the PWM
outputs. The RT8223P includes on-board power up
sequencing, a power good output, internal soft-start, and
soft-discharge output that prevents negative voltage during
shutdown.
The constant on-time PWM scheme can operate without
sense resistors and provide 100ns load transient response
while maintaining nearly constant switching frequency. To
eliminate noise in audio applications, an ultrasonic mode
is included, which maintains the switching frequency
above 25kHz. Moreover, the diode-emulation mode
maximizes efficiency for light load applications. The
RT8223P is available in a WQFN-24L 4x4 package.
Features
Constant On-time Control with 100ns Load Step
Response
Wide Input Voltage Range : 6V to 25V
Dual Adjustable Outputs from 2V to 5.5V
Fixed 3.3V and 5V LDO Output : 100mA
2V Reference Voltage
Frequency Selectable via TONSEL Setting
4700ppm/
°°°°°C RDS(ON) Current Sensing
Programmable Current Limit Combined with
Enable Control
Selectable PWM, DEM, or Ultrasonic Mode
Internal Soft-Start and Soft-Discharge
High Efficiency up to 97%
5mW Quiescent Power Dissipation
Thermal Shutdown
RoHS Compliant and Halogen Free
Applications
Notebook and Sub-Notebook Computers
3-Cell and 4-Cell Li+ Battery-Powered Devices
Marking Information
20 : Product Code
YMDNN : Date Code
Pin Configurations
(TOP VIEW)
WQFN-24L 4x4
ENTRIP1
FB1
REF
TONSEL
FB2
ENTRIP2
ENC
VREG5
GND
SKIPSEL
EN
VIN
GND
1
2
3
4
5
6
78
9 10
12
11
18
17
16
15
14
13
21 20 19
24
22
23
25
20 YM
DNN
Package Type
QW : WQFN-24L 4x4 (W-Type)
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)
RT8223P


Similar Part No. - RT8223P

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223BGQW RICHTEK-RT8223BGQW Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223L RICHTEK-RT8223L Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223LGQW RICHTEK-RT8223LGQW Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223LZQW RICHTEK-RT8223LZQW Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
More results

Similar Description - RT8223P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3020 AD-ADP3020 Datasheet
304Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV. 0
ADP3026 AD-ADP3026 Datasheet
737Kb / 19P
High-Efficiency Notebook Computer Power Supply Controller
REV. PrB 3/12/02
logo
Richtek Technology Corp...
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223L RICHTEK-RT8223L Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
High Efficiency, Main Power Supply Controller for Notebook Computer
logo
Analog Devices
ADP3020 AD-ADP3020_15 Datasheet
309Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV. 0
logo
Richtek Technology Corp...
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com