Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8206M Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8206M
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8206M Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8206M Datasheet HTML 1Page - Richtek Technology Corporation RT8206M Datasheet HTML 2Page - Richtek Technology Corporation RT8206M Datasheet HTML 3Page - Richtek Technology Corporation RT8206M Datasheet HTML 4Page - Richtek Technology Corporation RT8206M Datasheet HTML 5Page - Richtek Technology Corporation RT8206M Datasheet HTML 6Page - Richtek Technology Corporation RT8206M Datasheet HTML 7Page - Richtek Technology Corporation RT8206M Datasheet HTML 8Page - Richtek Technology Corporation RT8206M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
RT8206L/M
3
DS8206L/M-07 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Figure 1. Fixed Voltage Regulator
RT8206L/M
PHASE1
LGATE1
BOOT1
UGATE1
VOUT1
VOUT1
5V
VIN
REF
PGOOD2
BYP
PGOOD1
SECFB/NC
PVCC
R6
EN2
EN1
ENLDO
TON
100k
VCC
C9
1µF
ON
OFF
SKIP
GND
1
2
3
4
6
21, 33 (Exposed Pad)
20
18
17
16
15
9
10
14
13
28
27
29
PHASE2
LGATE2
PGND
BOOT2
UGATE2
VOUT2
VOUT2
Q2
L2
C11
C17
3.3V
R9
C12
VIN
6V to 25V
10µF
10µF
0.1µF
R10
C14
26
25
24
22
23
30
Q4
0
R8 0
C13
4.7µH
220µF
Q1
L1
C2
C3
R4
10µF
0.1µF
R5
C4
Q3
0
R3 0
C1
6.8µH
220µF
CP
C5
0.1µF
C7
0.1µF
D1
D2
D3
D4
C6
0.1µF
C8
0.1µF
LDO
PVCC
C10
7
19
C16
R7
R11
200k
R12
39k
R14
3.9
C18
0.1µF
C15
0.22µF
PVCC
R13
100k
5V Enable
3.3V Enable
VIN
LDO Control
Frequency Control
PWM/DEM/Ultrasonic
ILIM1
ILIM2
12
31
FB2
FB1
11
32
R1
180k
R2
180k
C19
PVCC


Similar Part No. - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com