Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8206M Datasheet(PDF) 26 Page - Richtek Technology Corporation

Part # RT8206M
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8206M Datasheet(HTML) 26 Page - Richtek Technology Corporation

Back Button RT8206M Datasheet HTML 19Page - Richtek Technology Corporation RT8206M Datasheet HTML 20Page - Richtek Technology Corporation RT8206M Datasheet HTML 21Page - Richtek Technology Corporation RT8206M Datasheet HTML 22Page - Richtek Technology Corporation RT8206M Datasheet HTML 23Page - Richtek Technology Corporation RT8206M Datasheet HTML 24Page - Richtek Technology Corporation RT8206M Datasheet HTML 25Page - Richtek Technology Corporation RT8206M Datasheet HTML 26Page - Richtek Technology Corporation RT8206M Datasheet HTML 27Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
RT8206L/M
26
DS8206L/M-07 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 2. Operation Mode Truth Table
Mode
Condition
Comment
Power Up
PVCC < UVLO threshold
Transitions to discharge mode after VIN POR and REF
become valid. LDO and REF remain active.
RUN
ENLDO = high, EN1 or EN2
enabled
Normal Operation.
Over voltage
Protection
Either output > 112% of nominal
level.
LGATEx is forced high. LDO and REF active. Exited by
VIN POR or by toggling ENLDO, ENx.
Under voltage
Protection
Either output < 55% of nominal level
after 3ms time-out expires and
output is enabled.
Both UGATEx and LGATEx are forced low until discharge
mode terminates. LDO and REF are active. Exited by VIN
POR or by toggling ENLDO, EN1, or EN2.
Discharge
Either SMPS output is still high in
either standby mode or shutdown
mode.
During discharge mode, the output capacitor discharges to
GND through an internal N-MOSFET switch.
Standby
ENx < startup threshold,
ENLDO = high.
LGATEx stays low. LDO and REF active.
Shutdown
EN1, EN2, ENLDO=low
All circuitry off.
Thermal
Shutdown
TJ > +150°C
All circuitry off. Exit by VIN POR or by toggling ENLDO,
ENx.
Table 3. Power Up Sequencing
ENLDO (V)
VEN1 (V)
VEN2 (V)
LDO
5V SMPS1
3V SMPS2
Low
X
X
Off
Off
Off
“>2V” High
Low
Low
On
(after REF powers up)
Off
Off
“>2V” High
Low
REF
On
(after REF powers up)
Off
Off
“>2V” High
Low
High
On
(after REF powers up)
Off
On
“>2V” High
REF
Low
On
(after REF powers up)
Off
Off
“>2V” High
REF
REF
On
(after REF powers up)
Off
Off
“>2V” High
REF
High
On
(after REF powers up)
On
(after SMPS2 on)
On
“>2V” High
High
Low
On
(after REF powers up)
On
Off
“>2V” High
High
REF
On
(after REF powers up)
On
On
(after SMPS1 on)
“>2V” High
High
High
On
(after REF powers up)
On
On


Similar Part No. - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - RT8206M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Richtek Technology Corp...
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com