Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8206M Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT8206M
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8206M Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT8206M Datasheet HTML 19Page - Richtek Technology Corporation RT8206M Datasheet HTML 20Page - Richtek Technology Corporation RT8206M Datasheet HTML 21Page - Richtek Technology Corporation RT8206M Datasheet HTML 22Page - Richtek Technology Corporation RT8206M Datasheet HTML 23Page - Richtek Technology Corporation RT8206M Datasheet HTML 24Page - Richtek Technology Corporation RT8206M Datasheet HTML 25Page - Richtek Technology Corporation RT8206M Datasheet HTML 26Page - Richtek Technology Corporation RT8206M Datasheet HTML 27Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
RT8206L/M
23
DS8206L/M-07 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
internal circuitry will be shut down during thermal shutdown.
The RT8206L/M may trigger thermal shutdown if the LDO
is not supplied from VOUTx, while input voltage on VIN
and drawing current from the LDO are too high. Even if
the LDO is supplied from VOUTx, overloading the LDO
causes large power dissipation on automatic switches,
which may result in thermal shutdown.
Discharge Mode
When standby or shutdown mode occurs, or the output
under voltage fault latch is set, the output discharge mode
is triggered. During discharge mode, the output capacitor
will be discharged to GND through an internal 20
Ω switch.
Shutdown Mode
The RT8206L/M SMPS1, SMPS2 and LDO have
independent enabling control. Drive ENLDO, EN1 and EN2
below the precise input falling edge trip level to place the
RT8206L/M in its low power shutdown state. The
RT8206L/M consumes only 20
μA of quiescent current
while in shutdown. When shutdown mode is activated,
the reference turns off. The accurate 1V falling-edge
threshold on the ENLDO can be used to detect a specific
analog voltage level and shutdown the device. Once in
shutdown, the 1.6V rising edge threshold activates,
providing sufficient hysteresis for most application.
Power Up Sequencing and On/Off Controls (ENx)
EN1 and EN2 control SMPS power-up sequencing. When
the RT8206L/M applies in the single channel mode, EN1
or EN2 enables the respective outputs when ENx voltage
rises above 2.5V, and disables the respective outputs when
ENx voltage falls below 1.8V.
Connecting one ENx to VCC and the other to REF will
force the latter one's output to start only after the former
one regulates.
If both ENx are connected to REF, each output will wait
for the regulation of the other one. However, in this situation,
neither of the two ENx will be in regulation.
OUTx
FBx
R1
V
= V
1
R2
⎡⎤
⎛⎞
×+ ⎜⎟
⎢⎥
⎝⎠
⎣⎦
where VFBx is 2V (typ.).
Output Inductor Selection
The switching frequency (on-time) and operating point (%
ripple or LIR) determine the inductor value as follows :
ON
IN
OUT
IR
LOAD(MAX)
t(V - V
)
L =
LI
×
×
where LIR is the ratio of the peak-to-peak ripple current to
the average inductor current.
Find a low-loss inductor having the lowest possible DC
resistance that fits in the allotted dimensions. Ferrite cores
are often the best choice, because the powdered iron is
inexpensive and can work well at 200kHz. The core must
be large enough to prevent it from saturating at the peak
inductor current (IPEAK) :
IPEAK = ILOAD(MAX) + [(LIR / 2) x ILOAD(MAX)]
This inductor ripple current also impacts transient-response
performance, especially at low VIN
− VOUTx differences.
Low inductor values allow the inductor current to slew
faster, replenishing charge removed from the output filter
PHASEx
LGATEx
R1
R2
VOUTx
VIN
UGATEx
VOUTx
FBx
GND
Figure 6. Setting VOUTx with a Resistor-Divider
Output Voltage Setting (FBx)
Connect FB1 directly to GND or VCC for a fixed 5V output
(VOUT1). Connect FB2 directly to GND or VCC for a fixed
3.3V output (VOUT2).
The output voltage can also be adjusted from 2V to 5.5V
with a resistor-divider network (Figure 6). The following
equation is for adjusting the output voltage. Choose R2 to
be approximately 10k
Ω, and solve for R1 using the following
equation :


Similar Part No. - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com