Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8206M Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT8206M
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8206M Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT8206M Datasheet HTML 18Page - Richtek Technology Corporation RT8206M Datasheet HTML 19Page - Richtek Technology Corporation RT8206M Datasheet HTML 20Page - Richtek Technology Corporation RT8206M Datasheet HTML 21Page - Richtek Technology Corporation RT8206M Datasheet HTML 22Page - Richtek Technology Corporation RT8206M Datasheet HTML 23Page - Richtek Technology Corporation RT8206M Datasheet HTML 24Page - Richtek Technology Corporation RT8206M Datasheet HTML 25Page - Richtek Technology Corporation RT8206M Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
RT8206L/M
22
DS8206L/M-07 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
capacitor between BOOTx and PHASEx pins. A dead time
to prevent shoot through is internally generated between
high side MOSFET off to low side MOSFET on, and low
side MOSFET off to high side MOSFET on.
The low side driver is designed to drive high current low
RDS(ON) N-MOSFET(s). The internal pulldown transistor
that drives LGATEx low is robust, with a 0.6
Ω typical on-
resistance. A 5V bias voltage is typically delivered from
PVCC through LDO supply. The instantaneous drive
current is supplied by an input capacitor connected
between PVCC and GND.
For high current applications, some combinations of high
and low side MOSFETs might be encountered that will
cause excessive gate-drain coupling, which can lead to
efficiency-killing, EMI-producing shoot-through currents.
This is often remedied by adding a resistor in series with
BOOTx, which increases the turn-on time of the high side
MOSFET without degrading the turn-off time (Figure 5).
Figure 5. Reducing the UGATEx Rise Time
Soft-Start
The RT8206L/M provides an internal soft-start function to
prevent large inrush current and output voltage overshoot
when the converter starts up. The soft-start (SS)
automatically begins once the chip is enabled. During
soft-start period, the internal current limit circuit gradually
ramps up the inductor current from zero. The maximum
current limit value is set externally as described in previous
section. The soft-star time is determined by the current
limit and output capacitor value. The current limit threshold
ramp up time is typically 2ms from zero to 200mV after
ENx is enabled. A unique PWM duty limit control that
prevents output over voltage during soft-start period is
designed specifically for FBx floating.
POR and UVLO
Power On Reset (POR) occurs when VIN rises above
approximately 5V (typ.), resetting the fault latches. PVCC
Under Voltage Lockout (UVLO) circuitry inhibits switching
by keeping UGATEx and LGATEx low when PVCC is
below 4.05V. The PWM outputs begin to ramp up once
PVCC exceeds its UVLO threshold and ENx is enabled.
Power Good Output (PGOODx)
The PGOODx is an open-drain type output. PGOODx is
actively held low in soft-start, standby, and shutdown. It is
released when the VOUTx voltage is above 90% of the
nominal regulation point. The PGOODx goes low if it is
10% below its nominal regulator point.
Output Over Voltage Protection (OVP)
The output voltage can be continuously monitored for over
voltage protection. When the output voltage of the VOUTx
is 12% above the set voltage, over voltage protection will
be enabled. If the output exceeds the over voltage
threshold, over voltage fault protection will be triggered
and the LGATEx low side gate drivers are forced high.
This activates the low side MOSFET switch, which rapidly
discharges the output capacitor and reduces the output
voltage. Once an over voltage fault condition is set, it can
only be reset by toggling ENLDO, ENx, or cycling VIN
(POR.)
Output Under Voltage Protection (UVP)
The output voltage can be continuously monitored for under
voltage protection. If the output is less than 55% of the
error-amplifier trip voltage, under voltage protection will be
triggered, and then both UGATEx and LGATEx gate drivers
will be forced low. The UVP will be ignored for at least
5ms (typ.) after start-up or after a rising edge on ENx.
Toggle ENx or cycle VIN (POR) to clear the under voltage
fault latch and restart the controller. The UVP only applies
to the PWM outputs.
Thermal Protection
The RT8206L/M has a thermal shutdown protection
function to prevent it from overheating. Thermal shutdown
occurs when the die temperature exceeds +150
°C. All
BOOTx
UGATEx
PHASEx
VIN


Similar Part No. - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - RT8206M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Richtek Technology Corp...
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com