Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8206M Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT8206M
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8206M Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT8206M Datasheet HTML 16Page - Richtek Technology Corporation RT8206M Datasheet HTML 17Page - Richtek Technology Corporation RT8206M Datasheet HTML 18Page - Richtek Technology Corporation RT8206M Datasheet HTML 19Page - Richtek Technology Corporation RT8206M Datasheet HTML 20Page - Richtek Technology Corporation RT8206M Datasheet HTML 21Page - Richtek Technology Corporation RT8206M Datasheet HTML 22Page - Richtek Technology Corporation RT8206M Datasheet HTML 23Page - Richtek Technology Corporation RT8206M Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
RT8206L/M
20
DS8206L/M-07 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation Mode Selection
The RT8206L/M supports three operation modes: Diode-
Emulation Mode, Ultrasonic Mode, and Forced-CCM
Mode. Users can set operation mode by SKIP pin. All of
the three operation modes will be introduced as follows.
Diode-Emulation Mode (SKIP = GND)
In Diode-Emulation mode, the RT8206L/M automatically
reduces switching frequency at light-load conditions to
maintain high efficiency. This reduction of frequency is
achieved smoothly and without the increase of VOUTx ripple
or load regulation. As the output current decreases from
heavy-load condition, the inductor current is also reduced,
and eventually comes to the point that its valley touches
zero current, which is the boundary between continuous
conduction and discontinuous conduction modes. By
emulating the behavior of diodes, the low side MOSFET
allows only partial negative current when the inductor free-
wheeling current becomes negative. As the load current
further decreases, it takes longer and longer to discharge
the output capacitor to the level that requires for the next
“ON” cycle. The on-time is kept the same as that in the
heavy-load condition. In reverse, when the output current
increases from light load to heavy load, the switching
frequency increases to the preset value as the inductor
current reaches the continuous conduction. The transition
load point to the light-load operation can be calculated as
the following equation.
IN
OUT
LOAD
ON
(V
V
)
I
t
2L
≈×
IL
t
0
tON
Slope = (VIN -VOUT) / L
iL, peak
iLoad = iL, peak / 2
Figure 3. Boundary Condition of CCM/DEM
where tON is the given On-time.
The switching waveforms may appear noisy and
asynchronous when light loading causes Diode-Emulation
operation, but this is a normal operating condition that
results in high light-load efficiency. Trade-offs in PFM noise
vs. light-load efficiency is made by varying the inductor
value. Generally, low inductor values produce a broader
efficiency vs. load curve, while higher values result in higher
full-load efficiency (assuming that the coil resistance
remains fixed) and less output voltage ripple. Penalties
for using higher inductor values include larger physical
size and degraded load-transient response (especially at
low input-voltage levels).
Ultrasonic Mode (SKIP = REF)
Connecting SKIP to REF activates a unique Diode-
Emulation mode with a minimum switching frequency
above 25kHz. This ultrasonic mode eliminates audio-
frequency modulation that would otherwise be present
when a lightly loaded controller automatically skips
pulses. In ultrasonic mode, the low side switch gate-driver
signal is ORed with an internal oscillator (>25kHz). Once
the internal oscillator is triggered, the ultrasonic controller
forces the LGATEx high, turning on the low side MOSFET
to induce a negative inductor current. At the point that the
output voltage is higher than that of REF, the controller
turns off the low side MOSFET (LGATEx pulled low) and
triggers a constant on-time (UGATEx driven high). When
the on-time has expired, the controller re-enables the low-
side MOSFET until the controller detects that the inductor
current has dropped below the zero-crossing threshold.
Forced-CCM Mode (SKIP = VCC)
The low noise, forced-CCM mode (SKIP = VCC) disables
the zero-crossing comparator, which controls the low side
switch on-time. This causes the low side gate-driver
waveform to become the complement of the high side
gate-driver waveform. This in turn causes the inductor
current to reverse at light loads as the PWM loop strives
to maintain a duty ratio of VOUT/VIN. The benefit of the
forced-CCM mode is to keep the switching frequency fairly
constant, but it comes at a cost : The no-load battery
current can be from 10mA to 40mA, depending on the
external MOSFETs.


Similar Part No. - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com