Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8206M Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT8206M
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8206M Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT8206M Datasheet HTML 15Page - Richtek Technology Corporation RT8206M Datasheet HTML 16Page - Richtek Technology Corporation RT8206M Datasheet HTML 17Page - Richtek Technology Corporation RT8206M Datasheet HTML 18Page - Richtek Technology Corporation RT8206M Datasheet HTML 19Page - Richtek Technology Corporation RT8206M Datasheet HTML 20Page - Richtek Technology Corporation RT8206M Datasheet HTML 21Page - Richtek Technology Corporation RT8206M Datasheet HTML 22Page - Richtek Technology Corporation RT8206M Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
RT8206L/M
19
DS8206L/M-07 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT8206L/M is a dual, high efficiency, Mach
ResponseTM DRVTM dual ramp valley mode synchronous
buck controller. The controller is designed for low voltage
power supplies for notebook computers. Richtek Mach
ResponseTM technology is specifically designed for
providing 100ns “instant-on” response to load steps while
maintaining a relatively constant operating frequency and
inductor operating point over a wide range of input voltages.
The DRVTM mode PWM modulator is specifically designed
to have better noise immunity for such a dual output
application. The RT8206L/M achieves high efficiency at a
reduced cost by eliminating the current-sense resistor
found in traditional current-mode PWMs. Efficiency is
further enhanced by its ability to drive very large
synchronous rectifier MOSFETs. The RT8206L/M includes
5V (LDO) linear regulator which can step down the battery
voltage to supply both internal circuitry and gate drivers.
When VOUT1 voltage is above 4.66V, an automatic circuit
turns off the linear regulator and powers the device from
VOUT1 through the BYP pin connected to VOUT1.
PWM Operation
The Mach ResponseTM DRVTM mode controller relies on
the output filter capacitor's Effective Series Resistance
(ESR) to act as a current-sense resistor, so the output
ripple voltage provides the PWM ramp signal. Refer to the
function block diagram, the UGATE driver will be turned
on at the beginning of each cycle. After the internal one-
shot timer expires, the UGATE driver will be turned off.
The pulse width of this one shot is determined by the
converter's input voltage and the output voltage to keep
the frequency fairly constant over the input voltage range.
Another one-shot sets a minimum off-time (300ns typ.).
The on-time one-shot is triggered if the error comparator
is high, the low-side switch current is below the current-
limit threshold, and the minimum off-time one-shot has
timed out.
PWM Frequency and On-Time Control
The Mach ResponseTM control architecture runs with
pseudo-constant frequency by feed-forwarding the input
and output voltage into the on-time one-shot timer. The
high-side switch on-time is inversely proportional to the
input voltage as measured by the VIN, and proportional to
the output voltage. The on-time is given by :
On-Time= K (VOUT / VIN)
Where “K” is set by the TON pin-strap connector (Table
1). One-shot timing error increases for the shorter on-
time setting due to fixed propagation delays that is
approximately
±15% at high frequency and the ±10% at
low frequency. The on-time guaranteed in the Electrical
Characteristics tables is influenced by switching delays
in the external high side power MOSFET. Two external
factors that influence switching-frequency accuracy are
resistive drops in the two conduction loops (including
inductor and PC board resistance) and the dead-time effect.
These effects are the largest contributors to the change
of frequency with changing load current. The dead-time
effect increases the effective on-time, reducing the
switching frequency as one or both dead times. It occurs
only in PWM mode (SKIP = high) when the inductor
current reverses at light or negative load currents. With
reversed inductor current, the inductor's EMF causes
PHASEX to go high earlier than normal, extending the on-
time by a period equal to the low-to-high dead time. For
loads above the critical conduction point, the actual
switching frequency is :
fS = (VOUT +VDROP1) / tON x (VIN + VDROP1
− VDROP2 )
VDROP1 is the sum of the parasitic voltage drops in the
inductor discharge path, including synchronous rectifier,
inductor, and PC board resistances; VDROP2 is the sum of
the resistances in the charging path; and tON is the on-
time calculated by the RT8206L/M.
Table 1. TON Setting and PWM Frequency Table
TON
TON
= VCC
TON
= REF
TON
= GND
VOUT1
K-Factor
5
μs
3.33
μs
2.5
μs
VOUT1
Frequency
200kHz
300kHz
400kHz
VOUT2
K-Factor
4
μs
2.67
μs
2
μs
VOUT2
Frequency
300kHz
400kHz
500kHz
Approximate
K-Factor Error
±10%
±12.5%
±15%


Similar Part No. - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - RT8206M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Richtek Technology Corp...
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com