Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8206M Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT8206M
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8206M Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT8206M Datasheet HTML 12Page - Richtek Technology Corporation RT8206M Datasheet HTML 13Page - Richtek Technology Corporation RT8206M Datasheet HTML 14Page - Richtek Technology Corporation RT8206M Datasheet HTML 15Page - Richtek Technology Corporation RT8206M Datasheet HTML 16Page - Richtek Technology Corporation RT8206M Datasheet HTML 17Page - Richtek Technology Corporation RT8206M Datasheet HTML 18Page - Richtek Technology Corporation RT8206M Datasheet HTML 19Page - Richtek Technology Corporation RT8206M Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
RT8206L/M
16
DS8206L/M-07 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Power On from EN1
Time (1ms/Div)
IL1
(5A/Div)
VOUT1
(5V/Div)
EN1
(5V/Div)
PGOOD1
(5V/Div)
No Load, VIN = 12V,
DEM Mode
TON = VCC, EN1 = VCC, EN2 = GND, ENLDO = VIN
Power On from VIN
Time (400
μs/Div)
REF
(2V/Div)
LDO
(5V/Div)
VIN
(10V/Div)
CP
(10V/Div)
No Load, VIN = 12V, TON = VCC, EN1 = VCC,
EN2 = GND, ENLDO = VIN
Power On from EN1
Time (1ms/Div)
IL1
(5A/Div)
VOUT1
(5V/Div)
EN1
(5V/Div)
PGOOD1
(5V/Div)
TON = VCC, EN1 = VCC, EN2 = GND, ENLDO = VIN
No Load, VIN = 12V,
PWM Mode
Power On from EN1
Time (1ms/Div)
IL1
(5A/Div)
VOUT1
(5V/Div)
EN1
(5V/Div)
PGOOD1
(5V/Div)
TON = VCC, EN1 = VCC, EN2 = GND, ENLDO = VIN
ILOAD = 4A, VIN = 12V,
PWM Mode
Power On from EN2
Time (1ms/Div)
IL2
(5A/Div)
VOUT2
(5V/Div)
EN2
(5V/Div)
PGOOD2
(5V/Div)
TON = VCC, EN1 = GND, EN2 = VCC, ENLDO = VIN
No Load, VIN = 12V,
DEM Mode
Power On from EN2
Time (1ms/Div)
IL2
(5A/Div)
VOUT2
(5V/Div)
EN2
(5V/Div)
PGOOD2
(5V/Div)
TON = VCC, EN1 = GND, EN2 = VCC, ENLDO = VIN
No Load, VIN = 12V,
PWM Mode


Similar Part No. - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com