Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8206M Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT8206M
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8206M Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT8206M Datasheet HTML 10Page - Richtek Technology Corporation RT8206M Datasheet HTML 11Page - Richtek Technology Corporation RT8206M Datasheet HTML 12Page - Richtek Technology Corporation RT8206M Datasheet HTML 13Page - Richtek Technology Corporation RT8206M Datasheet HTML 14Page - Richtek Technology Corporation RT8206M Datasheet HTML 15Page - Richtek Technology Corporation RT8206M Datasheet HTML 16Page - Richtek Technology Corporation RT8206M Datasheet HTML 17Page - Richtek Technology Corporation RT8206M Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
RT8206L/M
14
DS8206L/M-07 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VOUT1 Switching Frequency vs. Load Current
0
25
50
75
100
125
150
175
200
225
250
0.001
0.01
0.1
1
10
Load Current (A)
Ultrasonic Mode
VIN = 7V, TON = VCC, EN2 = GND, EN1 = VCC,
ENLDO = VIN, FB1 = GND
DEM Mode
PWM Mode
VOUT1 Switching Frequency vs. Load Current
0
25
50
75
100
125
150
175
200
225
250
0.001
0.01
0.1
1
10
Load Current (A)
Ultrasonic Mode
VIN = 25V, TON = VCC, EN2 = GND, EN1 = VCC,
ENLDO = VIN, FB1 = GND
DEM Mode
PWM Mode
VOUT2 Switching Frequency vs. Load Current
0
25
50
75
100
125
150
175
200
225
250
275
300
325
350
0.001
0.01
0.1
1
10
Load Current (A)
Ultrasonic Mode
VIN = 7V, TON = VCC, EN2 = VCC,
EN1 = GND, ENLDO = VIN,
FB2 =GND
DEM Mode
PWM Mode
VOUT2 Switching Frequency vs. Load Current
0
25
50
75
100
125
150
175
200
225
250
275
300
325
350
0.001
0.01
0.1
1
10
Load Current (A)
Ultrasonic Mode
DEM Mode
PWM Mode
VIN = 25V, TON = VCC, EN2 = VCC,
EN1 = GND, ENLDO = VIN,
FB2 = GND
VOUT2 Switching Frequency vs. Load Current
0
25
50
75
100
125
150
175
200
225
250
275
300
325
350
0.001
0.01
0.1
1
10
Load Current (A)
Ultrasonic Mode
VIN = 12V, TON = VCC, EN2 = VCC,
EN1 = GND, ENLDO = VIN,
FB2 = GND
DEM Mode
PWM Mode
VOUT1 Switching Frequency vs. Load Current
0
25
50
75
100
125
150
175
200
225
250
0.001
0.01
0.1
1
10
Load Current (A)
Ultrasonic Mode
VIN = 12V, TON = VCC, EN2 = GND, EN1 = VCC,
ENLDO = VIN, FB1 = GND
DEM Mode
PWM Mode


Similar Part No. - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - RT8206M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Richtek Technology Corp...
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com