Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8206M Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT8206M
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8206M Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT8206M Datasheet HTML 8Page - Richtek Technology Corporation RT8206M Datasheet HTML 9Page - Richtek Technology Corporation RT8206M Datasheet HTML 10Page - Richtek Technology Corporation RT8206M Datasheet HTML 11Page - Richtek Technology Corporation RT8206M Datasheet HTML 12Page - Richtek Technology Corporation RT8206M Datasheet HTML 13Page - Richtek Technology Corporation RT8206M Datasheet HTML 14Page - Richtek Technology Corporation RT8206M Datasheet HTML 15Page - Richtek Technology Corporation RT8206M Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
RT8206L/M
12
DS8206L/M-07 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Note 5.
PVIN + PPVCC
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Logic Input
Low-Level
Internal Fixed VOUTx
--
--
0.2
FB1/FB2
Input Voltage High-Level
Internal Fixed VOUTx
VCC
− 1
--
--
V
Low Level (DEM Mode)
--
--
0.8
REF Level (Ultrasonic Mode)
1.8
--
2.3
SKIP Input Voltage
High Level (PWM Mode)
2.5
--
--
V
VOUT1 / VOUT2 (400kHz / 500kHz)
--
--
0.8
VOUT1 / VOUT2 (300kHz / 400kHz)
1.8
--
2.3
TON Setting Voltage
VOUT1 / VOUT2 (200kHz / 300kHz)
2.5
--
--
V
Clear Fault Level / SMPS Off Level
--
--
0.8
Delay Start
1.8
--
2.3
ENx Input Voltage
SMPS On Level
2.5
--
--
V
Rising Edge
1.2
1.6
2.0
ENLDO Input Voltage
VENLDO
Falling Edge
0.94
1
1.06
V
VENLDO = 0V or 25V
−1
--
3
VENx = 0V or 5V
−1
--
1
VTON, VSKIP = 0V or 5V
−1
--
1
VFBx = 0V or 5V
−1
--
1
Input Leakage Current
VSECFB = 0V or 5V (RT8206L)
−1
--
1
μA
Internal BOOT Switch
Internal Boost Charging
Switch On-Resistance
PVCC to BOOTx
--
40
80
Ω
Power MOSFET Drivers
BOOTx to PHASEx Forced to 5V, High State
--
2.5
4
UGATEx On-Resistance
BOOTx to PHASEx Forced to 5V, Low State
--
1.5
3
Ω
LGATEx, High State
--
2.2
5
LGATEx On-Resistance
LGATEx, Low State
--
0.6
1.5
Ω
LGATE Rising
--
30
--
Dead Time
UGATE Rising
--
40
--
ns


Similar Part No. - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - RT8206M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Richtek Technology Corp...
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com