Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8206M Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8206M
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8206M Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8206M Datasheet HTML 7Page - Richtek Technology Corporation RT8206M Datasheet HTML 8Page - Richtek Technology Corporation RT8206M Datasheet HTML 9Page - Richtek Technology Corporation RT8206M Datasheet HTML 10Page - Richtek Technology Corporation RT8206M Datasheet HTML 11Page - Richtek Technology Corporation RT8206M Datasheet HTML 12Page - Richtek Technology Corporation RT8206M Datasheet HTML 13Page - Richtek Technology Corporation RT8206M Datasheet HTML 14Page - Richtek Technology Corporation RT8206M Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
RT8206L/M
11
DS8206L/M-07 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
ILIM Current Temperature
Coefficient
On the basis of 25
°C
--
4700
--
ppm/
°C
ILIM Adjustment Range
VILIMx = ILIMx × RILIMx
0.5
--
2
V
VILIMx = 0.5V
40
50
60
VILIMx = 1V
85
100
115
Current-Limit Threshold
GND
− PHASEx
VILIMx = 2V
180
200
220
mV
Zero-Current Threshold
SKIP = GND or REF, GND
− PHASEx
--
3
--
mV
Internal Regulator and Reference
LDO Output Voltage
VLDO
BYP = GND, 6V < VIN < 25V,
0 < ILDO < 70mA
4.9
5
5.1
V
LDO Output Current
ILDO
BYP = GND, VIN = 6V to 25V
70
--
--
mA
LDO Short-Circuit Current
LDO = GND, BYP = GND
--
200
300
mA
LDO 5V Switchover
Threshold to BYP
VBYP
Falling Edge, Rising Edge with FB1
Regulation Point
4.53
4.66
4.79
V
LDO Switchover Equivalent
Resistance
RSW
LDO to BYP, 10mA
--
1.5
3
Ω
REF Output Voltage
VREF
No External Load
1.98
2
2.02
V
REF Load Regulation
IREF = 0 to 50μA
--
10
--
mV
REF Sink Current
REF in Regulation
10
--
--
μA
UVLO
Rising Edge
--
4.35
4.5
PVCC UVLO Threshold
VUVLO
Falling Edge
3.9
4.05
4.2
V
Power Good
PGOODx Threshold
PGOOD Detect, FBx Falling edge
86
90
94
%
PGOODx Hysteresis
Rising Edge with Soft-Start Delay Time
--
3
--
%
PGOODx Propagation
Delay
Falling Edge
--
10
--
μs
PGOODx Leakage Current
High State, Forced to 5.5V
--
--
1
μA
PGOODx Output Low
Voltage
ISINK = 4mA
--
--
0.3
V
Fault Detection
OVP Trip Threshold
VFB_OVP
OVP Detect, FBx Rising edge
108
112
116
%
OVP Propagation Delay
FBx with 50mV Overdrive
--
10
--
μs
UVP Trip Threshold
UVP Detect, FBx Falling edge
50
55
60
%
UVP Shutdown Blanking
Time
tSHDN_UVP From ENx Enable
--
5
--
ms
Thermal Shutdown
Thermal Shutdown
TSHDN
--
150
--
°C
Thermal Shutdown
Hysteresis
ΔTSHDN
--
10
--
°C


Similar Part No. - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com