Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8206M Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8206M
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8206M Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8206M Datasheet HTML 6Page - Richtek Technology Corporation RT8206M Datasheet HTML 7Page - Richtek Technology Corporation RT8206M Datasheet HTML 8Page - Richtek Technology Corporation RT8206M Datasheet HTML 9Page - Richtek Technology Corporation RT8206M Datasheet HTML 10Page - Richtek Technology Corporation RT8206M Datasheet HTML 11Page - Richtek Technology Corporation RT8206M Datasheet HTML 12Page - Richtek Technology Corporation RT8206M Datasheet HTML 13Page - Richtek Technology Corporation RT8206M Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
RT8206L/M
10
DS8206L/M-07 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
(VIN = 12V, VEN1 = VEN2 = VCC = 5V, VBYP = 5V, PVCC = 5V, VENLDO = 5V, No Load on LDO, VOUT1, VOUT2 and REF, TA = 25
°C,
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Supply
VIN Standby Supply Current IVIN_SBY
VIN = 6V to 25V, Both SMPS Off,
VENLDO = 5V
--
180
250
μA
VIN Shutdown Supply
Current
IVIN_SHDH
VIN = 6V to 25V,
ENx = ENLDO = GND
--
20
40
μA
Quiescent Power
Consumption
IQ
Both SMPSs On,
FB1 = SKIP = GND, FB2 = VCC,
VOUT1 = VBYP = 5.3V,
VOUT2 = 3.5V
(Note 5)
--
5
7
mW
SMPS Output and FB Voltage
VOUT1 Output Voltage in
Fixed Mode
VOUT1
VIN = 6V to 25V, FB1= GND,
VSKIP = 5V
4.975
5.05
5.125
V
VOUT2 Output Voltage in
Fixed Mode
VOUT2
VIN = 6V to 25V, FB2 = VCC,
VSKIP = 5V
3.285
3.33
3.375
V
SECFB Voltage
VSECFB
VIN = 6V to 25V (RT8206L)
1.92
2
2.08
V
Output Voltage Adjust Range
SMPS1, SMPS2
2
--
5.5
V
FBx Adjustable Mode
Threshold Voltage
Fixed or Adj-Mode comparator
threshold
0.2
0.4
0.55
V
Either SMPS, SKIP = VCC
1.975
2
2.025
V
Either SMPS, SKIP = REF
--
2.012
--
V
FBx in Output Adjustable
Mode
VLOAD
Either SMPS, SKIP = GND
--
2.012
--
V
Line Regulation
VLINE
Either SMPS, VIN = 6V to 25V
--
0.005
--
%/V
On-Time
SMPS1 = 5.05V (200kHz)
1895
2105
2315
TON =
VCC
SMPS2 = 3.33V (300kHz) 832.5
925
1018
SMPS1 = 5.05V (300kHz)
1227
1403
1579
TON =
REF
SMPS2 = 3.33V (400kHz)
606
694
782
SMPS1 = 5.05V (400kHz)
895
1052
1209
On-Time Pulse Width
tON
TON =
GND
SMPS2 = 3.33V (500kHz)
475
555
635
ns
Minimum Off-Time
tOFF (MIN)
200
300
400
ns
Ultrasonic Mode Frequency
SKIP = REF
25
33
--
kHz
Soft-Start
Soft-Start Time
tSSx
Zero to 200mV current limit threshold
from ENx enable
--
2
--
ms
Current Sense
Current Limit Threshold
(Default)
VILIMx = VCC, GND − PHASEx
85
100
115
mV
Current Limit Current Source ILIMX
4.75
5
5.25
μA


Similar Part No. - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com