Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8206M Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8206M
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8206M Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8206M Datasheet HTML 1Page - Richtek Technology Corporation RT8206M Datasheet HTML 2Page - Richtek Technology Corporation RT8206M Datasheet HTML 3Page - Richtek Technology Corporation RT8206M Datasheet HTML 4Page - Richtek Technology Corporation RT8206M Datasheet HTML 5Page - Richtek Technology Corporation RT8206M Datasheet HTML 6Page - Richtek Technology Corporation RT8206M Datasheet HTML 7Page - Richtek Technology Corporation RT8206M Datasheet HTML 8Page - Richtek Technology Corporation RT8206M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
RT8206L/M
®
DS8206L/M-07 June 2012
www.richtek.com
1
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
High Efficiency, Main Power Supply Controller
for Notebook Computers
General Description
The RT8206L/M dual step-down, Switch-Mode Power-
Supply (SMPS) controller generates logic-supply voltages
in battery-powered systems. The RT8206L/M includes two
Pulse-Width Modulation (PWM) controllers fixed at 5V/
3.3V or adjustable from 2V to 5.5V. An optional external
charge pump can be monitored through SECFB (RT8206L).
This device also features a linear regulator providing a
fixed 5V output. The linear regulator provides up to 70mA
output current with automatic linear regulator bootstrapping
to the BYP input. The RT8206L/M includes on-board
power-up sequencing, the power good outputs, internal
soft-start, and internal soft-discharge output that prevents
negative voltages on shutdown.
A constant on-time PWM control scheme operates without
sense resistors and provides 100ns response to load
transients while maintaining a relatively constant switching
frequency. The unique ultrasonic mode maintains the
switching frequency above 25kHz, which eliminates noise
in audio applications. Other features include Diode-
Emulation Mode (DEM), which maximizes efficiency in
light-load applications, and fixed frequency PWM mode,
which reduces RF interference in sensitive application.
The RT8206L/M is available in a WQFN-32L 5x5 package.
Features
Wide Input Voltage Range 6V to 25V
Dual Fixed 5V/3.3V Outputs or Adjustable from 2V
to 5.5V, 1.5% Accuracy
Secondary Feedback Input Maintains Charge Pump
Voltage (RT8206L)
Independent Enable and Power Good
5V Fixed LDO Output : 70mA
2V Reference Voltage
±±±±±1% : 50μμμμμA
Constant ON-Time Control with 100ns Load Step
Response
Frequency Selectable via TON Setting
RDS(ON) Current Sensing and Programmable Current
Limit
4700ppm/
°°°°°C RDS(ON) Current Sensing
Selectable PWM, DEM or Ultrasonic Mode
Internal Soft-Start with Current Limiting and Soft-
Discharge
High Efficiency Up to 97%
5mW Quiescent Power Dissipation
Thermal Shutdown
RoHS Compliant and Halogen Free
Applications
Notebook and Sub-Notebook Computers
3-Cell and 4-Cell Li+ Battery-Powered Devices
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Package Type
QW : WQFN-32L 5x5 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)
RT8206
L : With SECFB
M : Without SECFB


Similar Part No. - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - RT8206M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Richtek Technology Corp...
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com