Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8206M Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8206M
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8206M Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8206M Datasheet HTML 3Page - Richtek Technology Corporation RT8206M Datasheet HTML 4Page - Richtek Technology Corporation RT8206M Datasheet HTML 5Page - Richtek Technology Corporation RT8206M Datasheet HTML 6Page - Richtek Technology Corporation RT8206M Datasheet HTML 7Page - Richtek Technology Corporation RT8206M Datasheet HTML 8Page - Richtek Technology Corporation RT8206M Datasheet HTML 9Page - Richtek Technology Corporation RT8206M Datasheet HTML 10Page - Richtek Technology Corporation RT8206M Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
RT8206L/M
7
DS8206L/M-07 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
PHASE1 (Pin 16)
Inductor Connection for SMPS1. PHASE1 is the internal
lower supply rail for the UGATE1 high side gate driver.
PHASE1 is the current-sense input for the SMPS1.
BOOT1 (Pin 17)
Boost Flying Capacitor Connection for SMPS1. Connect
to an external capacitor according to the typical application
circuits.
LGATE1 (Pin 18)
SMPS1 Synchronous-RectifierGate-drive Output. LGATE1
swings between PGND and PVCC.
PVCC (Pin 19)
Supply Voltage for Low Side MOSFET driver LGATEx.
Connect a 5V power source to the PVCC pin (bypass
with 1
μF MLCC capacitor to PGND if necessary). There is
an internal 10
Ω connecting from PVCC to VCC. Make
sure that both VCC and PVCC are bypassed with 1
μF
MLCC capacitors.
SECFB (Pin 20) (RT8206L)
Charge Pump Feedback Input. The SECFB is used to
monitor the optional external charge pump. Connect a
resistive voltage-divider from the charge pump output to
GND to detect the output. If SECFB drops below the
threshold voltage, an ultrasonic pulse occurs to refresh
the external charge pump driven by LGATE1 or LGATE2
NC (Pin 20) (RT8206M)
No Internal Connection.
GND [Pin 21, 33 (Exposed Pad)]
Analog Ground for both SMPS and LDO. The exposed
pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
PGND (Pin 22)
Power Ground for SMPS Controller. Connect PGND
externally to the underside of the exposed pad.
LGATE2 (Pin 23)
SMPS2 Synchronous-RectifierGate-drive Output. LGATE2
swings between PGND and PVCC.
BOOT2 (Pin 24)
Boost Flying Capacitor Connection for SMPS2. Connect
this pin to an external capacitor according to the typical
application circuits.
PHASE2 (Pin 25)
Inductor Connection for SMPS2. PHASE2 is the internal
lower supply rail for the UGATE2 high side gate driver.
PHASE2 is the current sense input for the SMPS2.
UGATE2 (Pin 26)
High Side MOSFET Floating Gate-Driver Output for
SMPS2. UGATE2 swings between PHASE2 and BOOT2.
EN2 (Pin 27)
SMPS2 Enable Input. The SMPS2 will be enabled if EN2
is greater than the logic high level and be disabled if EN2
is less than the logic low level. If EN2 is connected to
REF, the SMPS2 starts after the SMPS1 reaches
regulation (delay start). Drive EN2 below 0.8V to clear
fault level and reset the fault latches.
PGOOD2 (Pin 28)
SMPS2 Power Good Open-Drain Output. PGOOD2 is low
when the SMPS2 output voltage is more than 10% below
the normal regulation point or during soft-start. PGOOD2
is high impedance when the output is in regulation and
the soft-start circuit has terminated. PGOOD2 is low in
shutdown.
SKIP (Pin 29)
SMPS Operation Mode Control.
SKIP = GND : DEM Mode operation
SKIP = REF : Ultrasonic Mode operation
SKIP = VCC : PWM Mode operation.


Similar Part No. - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com