Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8206M Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8206M
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8206M Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8206M Datasheet HTML 1Page - Richtek Technology Corporation RT8206M Datasheet HTML 2Page - Richtek Technology Corporation RT8206M Datasheet HTML 3Page - Richtek Technology Corporation RT8206M Datasheet HTML 4Page - Richtek Technology Corporation RT8206M Datasheet HTML 5Page - Richtek Technology Corporation RT8206M Datasheet HTML 6Page - Richtek Technology Corporation RT8206M Datasheet HTML 7Page - Richtek Technology Corporation RT8206M Datasheet HTML 8Page - Richtek Technology Corporation RT8206M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
RT8206L/M
4
DS8206L/M-07 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 2. Adjustable Voltage Regulator
RT8206L/M
PHASE1
LGATE1
BOOT1
UGATE1
VOUT1
VOUT1
5V
VIN
REF
PGOOD2
BYP
PGOOD1
SECFB/NC
PVCC
R6
EN2
EN1
ENLDO
TON
100k
VCC
C9
1µF
ON
OFF
SKIP
GND
1
2
3
4
6
21, 33 (Exposed Pad)
20
18
17
16
15
9
10
14
13
28
27
29
PHASE2
LGATE2
PGND
BOOT2
UGATE2
VOUT2
VOUT2
Q2
L2
C11
C17
3.3V
R9
C12
VIN
6V to 25V
10µF
10µF
0.1µF
R10
C14
26
25
24
22
23
30
Q4
0
R8 0
C13
4.7µH
220µF
Q1
L1
C2
C3
R4
10µF
0.1µF
R5
C4
Q3
0
R3 0
C1
6.8µH
220µF
CP
C5
0.1µF
C7
0.1µF
D1
D2
D3
D4
C6
0.1µF
C8
0.1µF
LDO
PVCC
C10
7
19
C16
R7
R11
200k
R12
39k
R14
3.9
C18
0.1µF
C15
0.22µF
PVCC
R13
100k
5V Enable
3.3V Enable
VIN
LDO Control
Frequency Control
PWM/DEM/Ultrasonic
ILIM1
ILIM2
12
31
FB2
FB1
11
32
R1
180k
R2
180k
C19
R15
15k
R16
10k
C23
C20
0.1µF
R17
6.5k
R18
10k
C22
C21
0.1µF
PVCC


Similar Part No. - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com