Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM319M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # LM319M
Description  Dual Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM319M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  LM319M Datasheet HTML 1Page - Fairchild Semiconductor LM319M Datasheet HTML 2Page - Fairchild Semiconductor LM319M Datasheet HTML 3Page - Fairchild Semiconductor LM319M Datasheet HTML 4Page - Fairchild Semiconductor LM319M Datasheet HTML 5Page - Fairchild Semiconductor LM319M Datasheet HTML 6Page - Fairchild Semiconductor LM319M Datasheet HTML 7Page - Fairchild Semiconductor LM319M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM319
2
Schematic Diagram
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
36
V
Output to Negative Supply Voltage
VO - VEE
36
V
Ground to Negative Supply Voltage
VEE
25
V
Ground to Positive Supply Voltage
VCC
18
V
Differential Input Voltage
VI(DIFF)
5V
Input Voltage
VI
±15
V
Output Short Circuit Duration
-
10
sec
Power Dissipation
PD
500
mW
Thermal Resistance Junction-Ambient Max.
R
θja
250
°C/W
Operating Temperature Range
TOPR
0 ~ +70
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16
Q17
Q18
Q19
Q20
Q21
Q22
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R15
R16
R17
R18
R19
R20
R21
R22
R23
R24
R25
C1
VCC
OUTPUT
GND
VEE
IN (-)
IN (+)


Similar Part No. - LM319M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM319M NSC-LM319M Datasheet
329Kb / 11P
High Speed Dual Comparator
logo
Fairchild Semiconductor
LM319M FAIRCHILD-LM319M Datasheet
111Kb / 10P
Dual Comparator
logo
Texas Instruments
LM319M TI1-LM319M Datasheet
1Mb / 21P
High Speed Dual Comparator
LM319M/NOPB TI1-LM319M/NOPB Datasheet
1Mb / 21P
High Speed Dual Comparator
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
High Speed Dual Comparator
More results

Similar Description - LM319M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
DUAL COMPARATOR
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
DUAL COMPARATOR
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com