Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM319M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # LM319M
Description  Dual Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM319M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  LM319M Datasheet HTML 1Page - Fairchild Semiconductor LM319M Datasheet HTML 2Page - Fairchild Semiconductor LM319M Datasheet HTML 3Page - Fairchild Semiconductor LM319M Datasheet HTML 4Page - Fairchild Semiconductor LM319M Datasheet HTML 5Page - Fairchild Semiconductor LM319M Datasheet HTML 6Page - Fairchild Semiconductor LM319M Datasheet HTML 7Page - Fairchild Semiconductor LM319M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3
Features
• Operates From a Single 5V Supply
• Typically 80ns Response Time at
±15V
• Open Collector Outputs : up to +35V
• High Output Drive Current : 25mA
• Inputs and Outputs can be Isolated From System Ground
• Minimum Fan-Out of 2 (Each Side)
• Two Independent Comparators
Description
The LM319 is a dual high speed voltage comparator
designed to operate from a single +5V supply up to ±15V
dual supplies. Open collector of the output stage makes the
LM319 compatible with RTL, DTL and TTL as well as
capable of driving lamps
and
relays
at currents up to
25mA. Typical response time of 80ns with ±15V power
supplies makes the LM319 ideal for application in fast A/D
converts, level shiftier, oscillators, and multivibrators.
14-SOP
14-DIP
1
1
Internal Block Diagram
14
1
2
3
4
5
6
7
8
9
10
11
12
13
NC
NC
OUTPUT1
VCC
IN2 (-)
IN2 (+)
GND2
NC
NC
GND1
IN (+)
IN (-)
VEE
OUTPUT2
+
_
_
+
LM319
Dual Comparator


Similar Part No. - LM319M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM319M NSC-LM319M Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Fairchild Semiconductor
LM319M FAIRCHILD-LM319M Datasheet
111Kb / 10P
   Dual Comparator
logo
Texas Instruments
LM319M TI1-LM319M Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
LM319M/NOPB TI1-LM319M/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   High Speed Dual Comparator
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
More results

Similar Description - LM319M

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com