Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM7132E Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM7132E
Description  Bottom Port Analogue Silicon Microphone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7132E Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM7132E Datasheet HTML 1Page - Wolfson Microelectronics plc WM7132E Datasheet HTML 2Page - Wolfson Microelectronics plc WM7132E Datasheet HTML 3Page - Wolfson Microelectronics plc WM7132E Datasheet HTML 4Page - Wolfson Microelectronics plc WM7132E Datasheet HTML 5Page - Wolfson Microelectronics plc WM7132E Datasheet HTML 6Page - Wolfson Microelectronics plc WM7132E Datasheet HTML 7Page - Wolfson Microelectronics plc WM7132E Datasheet HTML 8Page - Wolfson Microelectronics plc WM7132E Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
w
WM7132, WM7132E
Bottom Port Analogue Silicon Microphone
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Preliminary Technical Data, October 2012, 2.0
Copyright
2012 Wolfson Microelectronics plc
DESCRIPTION
The WM7132 is a low-profile silicon analogue microphone. It
offers high Signal to Noise Ratio (SNR) and low power
consumption and is suited to a wide variety of consumer
applications.
The
WM7132
incorporates
Wolfson’s
proprietary
CMOS/MEMS membrane technology, offering high reliability
and high performance in a miniature, low-profile package.
The
WM7132
is
designed
to
withstand
the
high
temperatures associated with automated flow solder
assembly processes. (Note that conventional microphones
can be damaged by this process.)
The WM7132E variant offers a tighter tolerance on the
microphone sensitivity, giving reduced variation between
parts. This removes the need for in-line production
calibration of part-to-part microphone variations.
FEATURES
High SNR; selectable sensitivity tolerance options
-
WM7132 - SNR 65dB, Sensitivity +/-3dB
-
WM7132E - SNR 65dB, Sensitivity +/-1dB
Matched performance to top port microphone WM7121
-
Matched sensitivity performance
-
Matched frequency response
-
Matched phase response
Low supply current 200µA
Low profile packaging
Support for automated flow solder assembly
Analogue output
Bottom Port Package
1.5V to 3.7V supply
3.76mm x 3.00mm x 1.10mm Package
APPLICATIONS
Mobile phone handsets
Portable media players
Digital still cameras
Digital video cameras
Bluetooth headsets
Portable navigation devices
Portable games consoles
BLOCK DIAGRAM


Similar Part No. - WM7132E

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
More results

Similar Description - WM7132E

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
Bottom Port Analogue Silicon Microphone
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
Bottom Port Analogue Silicon Microphone
WM7120A WOLFSON-WM7120A Datasheet
178Kb / 12P
Top Port Analogue Silicon Microphone
WM7121 WOLFSON-WM7121 Datasheet
219Kb / 12P
Top Port Analogue Silicon Microphone
WM7121P WOLFSON-WM7121P Datasheet
300Kb / 13P
Top Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
logo
Wolfson Microelectronic...
WM7230 WOLFSON-WM7230 Datasheet
320Kb / 12P
Bottom Port Digital Silicon Microphone
logo
Cirrus Logic
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
logo
Wolfson Microelectronic...
WM7231 WOLFSON-WM7231 Datasheet
292Kb / 14P
Bottom Port Digital Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com