Electronic Components Datasheet Search |
|
WM7132E Datasheet(PDF) 5 Page - Wolfson Microelectronics plc |
|
|
WM7132E Datasheet(HTML) 5 Page - Wolfson Microelectronics plc |
5 / 12 page Preliminary Technical Data WM7132 w PTD, Rev 2.0, October 2012 5 ACOUSTIC AND ELECTRICAL CHARACTERISTICS Test Conditions: VDD=2.1V, 1kHz test signal, TA = 25°C PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Directivity Omni-directional Sensitivity (WM7132) S 94dB SPL -41 -38 -35 dBV Sensitivity (WM7132E) S 94dB SPL -39 -38 -37 dBV Acoustic Overload No Load THD < 10% 126 dB SPL Signal to Noise Ratio SNR A-Weighted 65 dB Total Harmonic Distortion THD 104dB SPL 0.25 % Dynamic Range DR A-Weighted, Noise floor to 1% THD 91 dB Frequency Response -3dB Low Frequency +3dB High Frequency 62 15000 Hz Hz Acoustic Noise Floor A-Weighted 29 dB SPL Electrical Noise Floor A-Weighted -103 dBV Power Supply Rejection Ratio PSRR 100mV RMS, 217Hz 52 dB Current Consumption IVDD 200 µA Output DC Impedance ZOUT 100 Ω TERMINOLOGY 1. Sensitivity (dBV) - Sensitivity is a measure of the microphone output response to the acoustic pressure of a 1kHz 94dB SPL (1Pa RMS) sine wave. 2. Signal-to-Noise Ratio (dB) – SNR is a measure of the difference in level between the output response of a 1kHz 94dB SPL sine wave and the idle noise output. 3. Total Harmonic Distortion (dB) – THD is the ratio of the RMS sum of the harmonic distortion products in the specified bandwidth (see note below) relative to the amplitude of the fundamental (ie. test frequency) output. 4. Dynamic Range (dB) – DR is the ratio of the 1% THD microphone output level (in response to a sine wave input) and the idle noise output level. 5. All performance measurements are carried out with 20 kHz low pass ‘brick wall’ filter and, where noted, an A-weighted filter. Failure to use these filters will result in higher THD and lower SNR values than are found in the Acoustic and Electrical Characteristics. The low pass filter removes out of band noise. |
Similar Part No. - WM7132E |
|
Similar Description - WM7132E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |