Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX081AK Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX081AK
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX081AK Datasheet(HTML) 1 Page - Sony Corporation

  ICX081AK Datasheet HTML 1Page - Sony Corporation ICX081AK Datasheet HTML 2Page - Sony Corporation ICX081AK Datasheet HTML 3Page - Sony Corporation ICX081AK Datasheet HTML 4Page - Sony Corporation ICX081AK Datasheet HTML 5Page - Sony Corporation ICX081AK Datasheet HTML 6Page - Sony Corporation ICX081AK Datasheet HTML 7Page - Sony Corporation ICX081AK Datasheet HTML 8Page - Sony Corporation ICX081AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
– 1 –
ICX081AK
E95703D99
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
Description
The ICX081AK is an interline CCD solid-state
image sensor suitable for PAL color video cameras.
This chip conforms to DV standard SD mode, and
has the optimal number of pixels for MPEG2 Main
level. While achieving a horizontal resolution of 450
TV lines, the area has been expanded 33% in both
vertical and horizontal directions, making the chip
suitable
for
electronic
vibration
stabilizer
and
electronic panning/tilting. In addition, complete 16:9
wide aspect ratio images are provided with a high
picture quality without requiring vertical interpolation.
High sensitivity and low dark current are achieved
through the adoption of Ye, Cy, Mg and G
complementary color mosaic filters and HAD (Hole-
Accumulation Diode) sensors.
This chip features a field period readout system
and an electronic shutter with variable charge-
storage time.
The package is a 16-pin DIP (Plastic), and both
top and bottom surface reference can be assured at
the same time.
Features
• Supports electronic vibration stabilizer and electronic panning/tilting
(33%/one side)
• Supports electronic zoom
• Supports DV standard SD mode and MPEG2 Main level (13.5MHz)
• Supports 16:9 wide aspect ratio (for both 18MHz and 4fsc)
• Supply voltage: 12V
• Horizontal register and reset gate: 2.7 to 3.6V drive
• No voltage adjustment (Reset gate and substrate bias are not adjusted.)
• High resolution, high sensitivity, low dark current and low smear
• Excellent antiblooming characteristics
• Continuous variable-speed shutter (1/50 to 1/10000s)
• Supports short exit pupil distance (Recommended range: –20 to –100mm)
• Ye, Cy, Mg and G complementary color mosaic filters on chip
• 16-pin high precision plastic package (both top and bottom surface reference possible)
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 6mm (Type 1/3)
• Total number of pixels:
1016 (H) x 794 (V)
approx. 810K pixels
• Total number of effective pixels:
962 (H) x 774 (V)
approx. 740K pixels
• Number of effective pixels: 4:3 PAL:
702 (H) x 575 (V)
approx. 400K pixels
16:9 18MHz:
936 (H) x 575 (V)
approx. 540K pixels
16:9 4fsc:
922 (H) x 575 (V)
approx. 530K pixels
• Chip size:
5.90mm (H) x 4.92mm (V)
• Unit cell size:
5.15µm (H) x 4.70µm (V)
• Optical black:
Horizontal (H) direction: Front 4 pixels, rear 50 pixels
Vertical (V) direction:
Front 12 pixels, rear 8 pixels
• Number of dummy bits:
Horizontal 28
Vertical 1 (even fields only)
• Substrate material:
Silicon
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
16 pin DIP (Plastic)
Pin 1
V
4
50
8
12
Pin 9
H
Optical black position
(Top View)


Similar Part No. - ICX081AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX082AL SONY-ICX082AL Datasheet
232Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX083AL SONY-ICX083AL Datasheet
233Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX084 SONY-ICX084 Datasheet
201Kb / 18P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX084 SONY-ICX084 Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results

Similar Description - ICX081AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX255AK SONY-ICX255AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX055BK SONY-ICX055BK Datasheet
210Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX259AK SONY-ICX259AK Datasheet
200Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX059AKB SONY-ICX059AKB Datasheet
498Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Cameras?
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX258AK SONY-ICX258AK Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX404AK SONY-ICX404AK Datasheet
204Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX254AK SONY-ICX254AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com