Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM7130AE Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM7130AE
Description  Bottom Port Analogue Silicon Microphone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7130AE Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM7130AE Datasheet HTML 1Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 2Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 3Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 4Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 5Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 6Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 7Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 8Page - Wolfson Microelectronics plc WM7130AE Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Pre-Production
WM7130A
w
PP, Rev 3.1, April 2012
5
ACOUSTIC AND ELECTRICAL CHARACTERISTICS
Test Conditions: VDD=2.1V, 1kHz test signal, TA = 25°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Directivity
Omni-directional
Sensitivity (WM7130A)
S
94dB SPL
-41
-38
-35
dBV
Sensitivity (WM7130AE)
S
94dB SPL
-39
-38
-37
dBV
Acoustic Overload
No Load
THD < 10%
127
dB SPL
Signal to Noise Ratio
SNR
A-Weighted
61
dB
Total Harmonic Distortion
THD
104dB SPL
0.25
%
Dynamic Range
DR
A-Weighted,
Noise floor to 1% THD
89
dB
Frequency Response
-3dB Low Frequency
+3dB High Frequency
62
12000
Hz
Hz
Acoustic Noise Floor
A-Weighted
33
dB SPL
Electrical Noise Floor
A-Weighted
-99
dBV
Power Supply Rejection Ratio
PSRR
100mV RMS, 217Hz
50
dB
Current Consumption
IVDD
140
190
µA
Output DC Impedance
ZOUT
100
TERMINOLOGY
1.
Sensitivity (dBV) - Sensitivity is a measure of the microphone output response to the acoustic pressure of a 1kHz
94dB SPL (1Pa RMS) sine wave.
2.
Signal-to-Noise Ratio (dB) – SNR is a measure of the difference in level between the output response of a 1kHz 94dB
SPL sine wave and the idle noise output.
3.
Total Harmonic Distortion (dB) – THD is the ratio of the RMS sum of the harmonic distortion products in the specified
bandwidth (see note below) relative to the amplitude of the fundamental (ie. test frequency) output.
4.
Dynamic Range (dB) – DR is the ratio of the 1% THD microphone output level (in response to a sine wave input) and
the idle noise output level.
5.
All performance measurements are carried out with 20 kHz low pass ‘brick wall’ filter and, where noted, an A-weighted
filter. Failure to use these filters will result in higher THD and lower SNR values than are found in the Acoustic and
Electrical Characteristics. The low pass filter removes out of band noise.


Similar Part No. - WM7130AE

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
Bottom Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
logo
Wolfson Microelectronic...
WM7132E WOLFSON-WM7132E Datasheet
338Kb / 12P
Bottom Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
logo
Wolfson Microelectronic...
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
Bottom Port Analogue Silicon Microphone
More results

Similar Description - WM7130AE

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
Bottom Port Analogue Silicon Microphone
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
Bottom Port Analogue Silicon Microphone
WM7120A WOLFSON-WM7120A Datasheet
178Kb / 12P
Top Port Analogue Silicon Microphone
WM7121 WOLFSON-WM7121 Datasheet
219Kb / 12P
Top Port Analogue Silicon Microphone
WM7121P WOLFSON-WM7121P Datasheet
300Kb / 13P
Top Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
logo
Wolfson Microelectronic...
WM7230 WOLFSON-WM7230 Datasheet
320Kb / 12P
Bottom Port Digital Silicon Microphone
logo
Cirrus Logic
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
logo
Wolfson Microelectronic...
WM7231 WOLFSON-WM7231 Datasheet
292Kb / 14P
Bottom Port Digital Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com