Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM7120AE Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM7120AE
Description  Top Port Analogue Silicon Microphone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7120AE Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM7120AE Datasheet HTML 4Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 5Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 6Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 7Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 8Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 9Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 10Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 11Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
WM7120A
Pre-Production
w
PP, Rev 3.1, April 2012
12
REVISION HISTORY
DATE
REV
ORIGINATOR
CHANGES
02/05/11
2.0
JMacD
First release of AE variant
2.0
KC
Added the WM7120AE
Updated the features for WM7120AE
Electrical noise floor to 101dBV
Updated the frequency response curve, the THD curves,
Updated the +3dB frequency response to 9300Hz.
Updated WM7120AE frequency response performance, and sensitivity
performance
Updated the reel quantity to 4800
Remove the 20kohms test condition.
Modified the wording for 1uF and 20kohms to ensure 10Hz low frequency
cut off
2.0
JMacD
Package Diagram updated to DM058E
-
Tolerances adjusted and dimensions standardized
-
Updated tolerances for measurements G and J
06/05/11
2.0
JMacD/MR
Acoustic and Electrical Char: Acoustic Overload updated to 131.
10/05/11
2.0
MR
Updated the -3dB frequency response to 40Hz.
07/06/11
2.1
KC
Change on the pin configuration and top view.
01/07/11
2.1
JMacD/MR
Package Drawing update to reflect new pin numbering.
04/07/11
2.2
JMacD/MR
Order Code for Enhanced, 62Hz roll off updated to:
WM7120AIMSE/V
WM7120AIMSE/RV
11/10/11
2.3
JMacD
Package Diagram changed to DM100B.
09/09/11
3.0
KC
Added reference to WAN_0273.
Updated the interface CODEC to WM8994.
SNR updated to 57dB, Noise Floor to -99dBV and acoustic noise floor to
37 dB SPL.
20/02/12
3.1
KC/JMacD
Acoustic and Electrical Characteristics:
Sensitivity unit changed from dB to dBV. Updated the terminology 1.
Dynamic Range added. DR definition added


Similar Part No. - WM7120AE

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7121 WOLFSON-WM7121 Datasheet
219Kb / 12P
   Top Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7121 CIRRUS-WM7121 Datasheet
704Kb / 12P
   Top Port Analog Silicon Microphone
logo
Wolfson Microelectronic...
WM7121E WOLFSON-WM7121E Datasheet
219Kb / 12P
   Top Port Analogue Silicon Microphone
WM7121P WOLFSON-WM7121P Datasheet
300Kb / 13P
   Top Port Analogue Silicon Microphone
WM7121PE WOLFSON-WM7121PE Datasheet
300Kb / 13P
   Top Port Analogue Silicon Microphone
More results

Similar Description - WM7120AE

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7121 WOLFSON-WM7121 Datasheet
219Kb / 12P
   Top Port Analogue Silicon Microphone
WM7121P WOLFSON-WM7121P Datasheet
300Kb / 13P
   Top Port Analogue Silicon Microphone
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
   Bottom Port Analogue Silicon Microphone
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
   Bottom Port Analogue Silicon Microphone
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7121PE CIRRUS-WM7121PE Datasheet
704Kb / 12P
   Top Port Analog Silicon Microphone
WM7121 CIRRUS-WM7121 Datasheet
704Kb / 12P
   Top Port Analog Silicon Microphone
logo
Wolfson Microelectronic...
WM7211 WOLFSON-WM7211 Datasheet
305Kb / 14P
   Top Port Digital Silicon Microphone
WM7210 WOLFSON-WM7210 Datasheet
247Kb / 12P
   Top Port Digital Silicon Microphone
WM7220 WOLFSON-WM7220 Datasheet
254Kb / 12P
   Top Port Digital Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com