Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM7120AE Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM7120AE
Description  Top Port Analogue Silicon Microphone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7120AE Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM7120AE Datasheet HTML 4Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 5Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 6Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 7Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 8Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 9Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 10Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 11Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
WM7120A
Pre-Production
w
PP, Rev 3.1, April 2012
10
PACKAGE DIMENSIONS
DM100.B
D
M
E
L
A
K
J
BOTTOM VIEW
TOP VIEW
0.1 C
0.1 C
0.05
-C-
C
SIDE VIEW
D
E
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
3.66
3.76
3.86
2.95
2.85
3.05
1.10
1.03
1.17
NOTES:
1. THE SEATING PLANE IS REPRESENTED BY PRIMARY DATUM -C-
2. THE DEVIATION FROM THE SEATING PLANE DUE TO WARPAGE OR TWIST IS SPECIFIED AS MAX 50
m (FLATNESS).
3. LID SHOULD BE PARALLEL TO THE SEATING PLANE ±50
m.
F
H
P
G
3
MS4: PACKAGE 3.76 x 2.95 x 1.10 mm BODY
0.55
0.50
0.60
0.80
3
0.65
0.95
1
2
1
PNP Vacuum
Point
N
2
1.31
Gasket Area
R 0.3
R 0.45
R 0.1
R 0.35
R 0.55
T
S
S
0.86
T
0.70
0.81
0.91
G
0.65
0.55
0.75
P
2.41
2.46
2.51
1.65
1.60
1.70
H
0.65
F
0.55
0.75
K
1.475
N
1.16
L
2.70
2.60
M
3.51
3.41
PIN 1 CORNER
PNP Vacuum
Point
J
1.18
1.33
1.03
1.325
1.625
21
3
4


Similar Part No. - WM7120AE

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7121 WOLFSON-WM7121 Datasheet
219Kb / 12P
   Top Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7121 CIRRUS-WM7121 Datasheet
704Kb / 12P
   Top Port Analog Silicon Microphone
logo
Wolfson Microelectronic...
WM7121E WOLFSON-WM7121E Datasheet
219Kb / 12P
   Top Port Analogue Silicon Microphone
WM7121P WOLFSON-WM7121P Datasheet
300Kb / 13P
   Top Port Analogue Silicon Microphone
WM7121PE WOLFSON-WM7121PE Datasheet
300Kb / 13P
   Top Port Analogue Silicon Microphone
More results

Similar Description - WM7120AE

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7121 WOLFSON-WM7121 Datasheet
219Kb / 12P
   Top Port Analogue Silicon Microphone
WM7121P WOLFSON-WM7121P Datasheet
300Kb / 13P
   Top Port Analogue Silicon Microphone
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
   Bottom Port Analogue Silicon Microphone
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
   Bottom Port Analogue Silicon Microphone
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7121PE CIRRUS-WM7121PE Datasheet
704Kb / 12P
   Top Port Analog Silicon Microphone
WM7121 CIRRUS-WM7121 Datasheet
704Kb / 12P
   Top Port Analog Silicon Microphone
logo
Wolfson Microelectronic...
WM7211 WOLFSON-WM7211 Datasheet
305Kb / 14P
   Top Port Digital Silicon Microphone
WM7210 WOLFSON-WM7210 Datasheet
247Kb / 12P
   Top Port Digital Silicon Microphone
WM7220 WOLFSON-WM7220 Datasheet
254Kb / 12P
   Top Port Digital Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com