Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM7120AE Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM7120AE
Description  Top Port Analogue Silicon Microphone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7120AE Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM7120AE Datasheet HTML 1Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 2Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 3Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 4Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 5Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 6Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 7Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 8Page - Wolfson Microelectronics plc WM7120AE Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Pre-Production
WM7120A
w
PP, Rev 3.1, April 2012
5
ACOUSTIC AND ELECTRICAL CHARACTERISTICS
Test Conditions:
VDD=2.1V, 1kHz test signal, TA = 25°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Directivity
Omni-directional
Sensitivity (WM7120A)
S
94dB SPL
-45
-42
-39
dBV
Sensitivity (WM7120AE)
S
94dB SPL
-43
-42
-41
dBV
Acoustic Overload
No Load
THD < 10%
131
dB SPL
Signal to Noise Ratio
SNR
A-Weighted
57
dB
Total Harmonic Distortion
THD
104dB SPL
0.25
%
Dynamic Range
DR
A-Weighted,
Noise floor to 1% THD
88
dB
Frequency Response
-3dB Low Frequency
+3dB High Frequency
62
9300
Hz
Hz
Acoustic Noise Floor
A-Weighted
37
dB SPL
Electrical Noise Floor
A-Weighted
-99
dBV
Power Supply Rejection Ratio
PSRR
100mV RMS, 217Hz
50
dB
Current Consumption
IVDD
140
190
µA
Output DC Impedance
ZOUT
100
TERMINOLOGY
1.
Sensitivity (dBV) - Sensitivity is a measure of the microphone output response to the acoustic pressure of a 1kHz
94dB SPL (1Pa RMS) sine wave.
2.
Signal-to-Noise Ratio (dB) – SNR is a measure of the difference in level between the output response of a 1kHz 94dB
SPL sine wave and the idle noise output.
3.
Total Harmonic Distortion (dB) – THD is the ratio of the RMS sum of the harmonic distortion products in the specified
bandwidth (see note below) relative to the RMS amplitude of the fundamental (ie. test frequency) output.
4.
Dynamic Range (dB) – DR is the ratio of the 1% THD microphone output level (in response to a sine wave input) and
the idle noise output level.
5.
All performance measurements are carried out with 20 kHz low pass ‘brick wall’ filter and, where noted, an A-weighted
filter. Failure to use these filters will result in higher THD and lower SNR values than are found in the Acoustic and
Electrical Characteristics. The low pass filter removes out of band noise.


Similar Part No. - WM7120AE

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7121 WOLFSON-WM7121 Datasheet
219Kb / 12P
Top Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7121 CIRRUS-WM7121 Datasheet
704Kb / 12P
Top Port Analog Silicon Microphone
logo
Wolfson Microelectronic...
WM7121E WOLFSON-WM7121E Datasheet
219Kb / 12P
Top Port Analogue Silicon Microphone
WM7121P WOLFSON-WM7121P Datasheet
300Kb / 13P
Top Port Analogue Silicon Microphone
WM7121PE WOLFSON-WM7121PE Datasheet
300Kb / 13P
Top Port Analogue Silicon Microphone
More results

Similar Description - WM7120AE

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7121 WOLFSON-WM7121 Datasheet
219Kb / 12P
Top Port Analogue Silicon Microphone
WM7121P WOLFSON-WM7121P Datasheet
300Kb / 13P
Top Port Analogue Silicon Microphone
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
Bottom Port Analogue Silicon Microphone
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
Bottom Port Analogue Silicon Microphone
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
Bottom Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7121PE CIRRUS-WM7121PE Datasheet
704Kb / 12P
Top Port Analog Silicon Microphone
WM7121 CIRRUS-WM7121 Datasheet
704Kb / 12P
Top Port Analog Silicon Microphone
logo
Wolfson Microelectronic...
WM7211 WOLFSON-WM7211 Datasheet
305Kb / 14P
Top Port Digital Silicon Microphone
WM7210 WOLFSON-WM7210 Datasheet
247Kb / 12P
Top Port Digital Silicon Microphone
WM7220 WOLFSON-WM7220 Datasheet
254Kb / 12P
Top Port Digital Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com