Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH41-50S-0.5SH(05) Datasheet(PDF) 7 Page - Hirose Electric

Part # FH41-50S-0.5SH(05)
Description  0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH41-50S-0.5SH(05) Datasheet(HTML) 7 Page - Hirose Electric

  FH41-50S-0.5SH(05) Datasheet HTML 1Page - Hirose Electric FH41-50S-0.5SH(05) Datasheet HTML 2Page - Hirose Electric FH41-50S-0.5SH(05) Datasheet HTML 3Page - Hirose Electric FH41-50S-0.5SH(05) Datasheet HTML 4Page - Hirose Electric FH41-50S-0.5SH(05) Datasheet HTML 5Page - Hirose Electric FH41-50S-0.5SH(05) Datasheet HTML 6Page - Hirose Electric FH41-50S-0.5SH(05) Datasheet HTML 7Page - Hirose Electric FH41-50S-0.5SH(05) Datasheet HTML 8Page - Hirose Electric FH41-50S-0.5SH(05) Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FH41 Series0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
Temperature Profile
HRS test condition
Solder method
:Reflow, IR/hot air
Environment
:Room air
Solder composition
:Paste, 96.5%Sn/3.0%Ag/0.5%Cu
(Senju Metal Industry, Co., Ltd.'s Part
Number:M705-221CM5-32-10.5)
Test board
:Glass epoxy 30mm×60mm×0.8mm thick
Land dimensions
:0.3mm×0.65mm, 0.3mm×1.2mm
Metal mask
:0.25×0.65, 0.2×0.1mm thick
The temperature profiles shown are based on the above conditions.
In individual applications the actual temperature may vary,
depending on solder paste type, volume / thickness and board size /
thickness. Consult your solder paste and equipment manufacturer for
specific recommendations.
MAX 250℃
Start
Time(Seconds)
25℃(60sec.)
(60sec.)
90~120sec.
Preheating
soldering
0
50
100
150
150℃
200℃
230℃
200
250
Temperature (ç)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH41-50S-0.5SH(05)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH41-50S-0.5SH HIROSE-FH41-50S-0.5SH Datasheet
780Kb / 8P
   0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
FH41-50S-0.5SH05 HIROSE-FH41-50S-0.5SH05 Datasheet
1Mb / 9P
   0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
More results

Similar Description - FH41-50S-0.5SH(05)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH41-28S-0.5SH05 HIROSE-FH41-28S-0.5SH05 Datasheet
1Mb / 9P
   0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
FH41 HIROSE-FH41 Datasheet
780Kb / 8P
   0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
FH40 HIROSE-FH40 Datasheet
669Kb / 8P
   0.5mm Pitch, 5.8mm above the board, vertical connectors for FPC
FX23 HIROSE-FX23 Datasheet
996Kb / 20P
   High-speed transmission 0.5mm pitch Board-to-Board connection fl oating connectors
2019.6
logo
Japan Aviation Electron...
JF08R0R041010MA JAE-JF08R0R041010MA Datasheet
109Kb / 4P
   FFC Harness for High-speed Transmission
JF04 JAE-JF04 Datasheet
360Kb / 5P
   FFC Harness for High Speed Transmission
logo
Hirose Electric
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
logo
Japan Aviation Electron...
HD JAE-HD Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission
TX24A JAE-TX24A Datasheet
581Kb / 4P
   1.27mm Pitch High-speed Transmission Board-to-Board Connector
FI-NX JAE-FI-NX Datasheet
1Mb / 10P
   Board-to-Cable Connector for High-Speed Differential Transmission
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com