Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX055BL Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX055BL
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX055BL Datasheet(HTML) 1 Page - Sony Corporation

  ICX055BL Datasheet HTML 1Page - Sony Corporation ICX055BL Datasheet HTML 2Page - Sony Corporation ICX055BL Datasheet HTML 3Page - Sony Corporation ICX055BL Datasheet HTML 4Page - Sony Corporation ICX055BL Datasheet HTML 5Page - Sony Corporation ICX055BL Datasheet HTML 6Page - Sony Corporation ICX055BL Datasheet HTML 7Page - Sony Corporation ICX055BL Datasheet HTML 8Page - Sony Corporation ICX055BL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
– 1 –
ICX055BL
E98225A99
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
Description
The ICX055BL is an interline CCD solid-state image
sensor suitable for CCIR B/W video cameras.
Compared with the current product ICX055AL,
sensitivity is improved drastically through the adoption
of Super HAD CCD technology.
This chip features a field period readout system,
and an electronic shutter with variable charge-storage
time.
Features
• High sensitivity (+4dB at F8, +2dB at F1.2 compared with ICX055AL)
• High saturation signal (+1dB compared with ICX055AL)
• Low smear and low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Horizontal register: 5V drive
• Reset gate:
5V drive
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 6mm(Type 1/3)
• Number of effective pixels: 500 (H)
× 582 (V) approx. 290K pixels
• Number of total pixels:
537 (H)
× 597 (V) approx. 320K pixels
• Chip size:
6.00mm (H)
× 4.96mm (V)
• Unit cell size:
9.8µm (H)
× 6.3µm (V)
• Optical black:
Horizontal (H) direction: Front 7 pixels, Rear 30 pixels
Vertical (V) direction:
Front 14 pixels, Rear 1 pixel
• Number of dummy bits:
Horizontal 16
Vertical
1 (even field only)
• Substrate material:
Silicon
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
16 pin DIP (Plastic)
Pin 1
V
7
30
1
14
Pin 9
H
Optical black position
(Top View)
Super HAD CCD is a registered trademark of Sony Corporation. Super HAD CCD is a CCD that drastically improves sensitivity by introducing newly
developed semiconductor technology by Sony Corporation into Sony's high-performance HAD (Hole-Accumulation Diode) sensor.


Similar Part No. - ICX055BL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX055BAK SONY-ICX055BAK Datasheet
361Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
ICX055BAL SONY-ICX055BAL Datasheet
350Kb / 17P
   1/3-inch CCD Image Sensor for CCIR B/W Camera
ICX055BK SONY-ICX055BK Datasheet
210Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX055BK SONY-ICX055BK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX055BL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX405AL SONY-ICX405AL Datasheet
174Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX409AL SONY-ICX409AL Datasheet
172Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX255AL SONY-ICX255AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX259AL SONY-ICX259AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX059ALB SONY-ICX059ALB Datasheet
438Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Cameras?
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX254AL SONY-ICX254AL Datasheet
185Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com