Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX055BL Datasheet(PDF) 3 Page - Sony Corporation

Part # ICX055BL
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX055BL Datasheet(HTML) 3 Page - Sony Corporation

  ICX055BL Datasheet HTML 1Page - Sony Corporation ICX055BL Datasheet HTML 2Page - Sony Corporation ICX055BL Datasheet HTML 3Page - Sony Corporation ICX055BL Datasheet HTML 4Page - Sony Corporation ICX055BL Datasheet HTML 5Page - Sony Corporation ICX055BL Datasheet HTML 6Page - Sony Corporation ICX055BL Datasheet HTML 7Page - Sony Corporation ICX055BL Datasheet HTML 8Page - Sony Corporation ICX055BL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
– 3 –
ICX055BL
Item
VDD
VGG
VSS
VSUB
∆VSUB
VRGL
∆VRGL
VL
14.55
1.75
9.0
–3
1.0
–3
15.0
2.0
2
15.45
2.25
18.5
+3
4.0
+3
V
V
V
%
V
%
±5%
1
1
Symbol
Min.
Typ.
Max.
Unit
Remarks
Bias Conditions
DC Characteristics
Grounded with
680
Ω resistor
Item
Output amplifier drain current
Input current
Input current
IDD
IIN1
IIN2
3
1
10
mA
µA
µA
3
4
Symbol
Min.
Typ.
Max.
Unit
Remarks
Output amplifier drain voltage
Output amplifier gate voltage
Output amplifier source
Substrate voltage adjustment range
Fluctuation range after substrate voltage adjustment
Reset gate clock voltage adjustment range
Fluctuation range after reset gate clock voltage adjustment
Protective transistor bias
1 Indications of substrate voltage (V
SUB
) · reset gate clock voltage (VRGL) setting value.
The setting values of substrate voltage and reset gate clock voltage are indicated on the back of the image
sensor by a special code. Adjust substrate voltage (VSUB) and reset gate clock voltage (VRGL) to the
indicated voltage. Fluctuation range after adjustment is ±3%.
VSUB code
one character indication
VRGL code
one character indication
↑ ↑
VRGL code VSUB code
Code and optimal setting correspond to each other as follows.
1
VRGL code
Optimal setting
1.0 1.5 2.0 2.5 3.0 3.5 4.0
2
3
4
5
6
7
VSUB code
Optimal setting
9.0 9.5 10.0 10.5 11.0 11.5 12.0 12.5 13.0 13.5 14.0 14.5 15.0 15.5 16.0 16.5 17.0 17.5 18.0
E
f
G
h
J
K
L
m
N
P
Q
R
S
T
U
V
W
X
Y
Z
<Example> “5L”
→ VRGL = 3.0V
VSUB = 12.0V
2 V
L
setting is the VVL voltage of the vertical transfer clock waveform.
3 1) Current to each pin when 18V is applied to V
DD
, VOUT, Vss and SUB pins, while pins that are not tested
are grounded.
2) Current to each pin when 20V is applied sequentially to V
φ1, Vφ2, Vφ3 and Vφ4 pins, while pins that are
not tested are grounded. However, 20V is applied to SUB pin.
3) Current to each pin when 15V is applied sequentially to RG, H
φ1, Hφ2 and VGG pins, while pins that are
not tested are grounded. However, 15V is applied to SUB pin.
4) Current to VL pin when 30V is applied to V
φ1, Vφ2, Vφ3, Vφ4, VDD and VOUT pins or when, 24V is applied
to RG pin or when, 20V is applied to VGG, Vss, H
φ1 and Hφ2 pins, while VL pin is grounded. However,
GND and SUB pins are left open.
4 Current to SUB pin when 55V is applied to SUB pin, while pins that are not tested are grounded.
18.5


Similar Part No. - ICX055BL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX055BAK SONY-ICX055BAK Datasheet
361Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
ICX055BAL SONY-ICX055BAL Datasheet
350Kb / 17P
   1/3-inch CCD Image Sensor for CCIR B/W Camera
ICX055BK SONY-ICX055BK Datasheet
210Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX055BK SONY-ICX055BK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX055BL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX405AL SONY-ICX405AL Datasheet
174Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX409AL SONY-ICX409AL Datasheet
172Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX255AL SONY-ICX255AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX259AL SONY-ICX259AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX059ALB SONY-ICX059ALB Datasheet
438Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Cameras?
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX254AL SONY-ICX254AL Datasheet
185Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com