Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE1702 Datasheet(PDF) 10 Page - Advanced Power Electronics Corp.

Part # APE1702
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1702 Datasheet(HTML) 10 Page - Advanced Power Electronics Corp.

Back Button APE1702_08 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 9Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 10Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Package Outline : TO-220-5L
Millimeters
MIN
NOM
MAX
A
4.07
4.45
4.82
b
0.76
0.89
1.02
C
0.36
0.50
0.64
D
14.22 14.86 15.50
E
9.78
10.16 10.54
e
1.57
1.71
1.85
e1
6.68
6.81
6.93
F
1.14
1.27
1.40
H1
5.46
6.16
6.86
J1
2.29
2.74
3.18
L
13.21 13.97 14.73
3.68
3.81
3.94
2.54
2.73
2.92
1.All Dimensions Are in Millimeters.
2.Dimension Does Not Include Mold Protrusions.
Part Marking Information & Packing : TO-220-5L
Q
SYMBOLS
ADVANCED POWER ELECTRONICS CORP.
φp
YWWSSS
Package Code
Part Number
LOGO
Output voltage
1702P-XX
Date Code (YWWSSS)
Y:Last Digit Of The Year
WW:Week
SSS:Sequence
10


Similar Part No. - APE1702_08

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APE17024 APLUS-APE17024 Datasheet
247Kb / 7P
   very low cost voice and melody synthesizer with 4-bits CPU
More results

Similar Description - APE1702_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com