Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE1702 Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APE1702
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1702 Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APE1702_08 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Advanced Power
Electronics Corp.
FEATURES
DESCRIPTION
Output Voltage : 3.3V, 5V, 12V and Adjustable
Output Voltage
Adjustable Version Output Voltage Range, 1.23V
to 19.5V+4%
150KHz +15% Fixed Switching Frequency.
Voltage Mode Non-synchronous PWM Control.
Thermal-shutdown and Current-limit Protection.
ON/OFF Shutdown Control Input.
Short Circuit Protect(SCP)
Operating Voltage can be up to 22V
Output Load Current 3A
5-Lead TO-263/TO-220
Low Power Standby Mode.
Built-in Switching Transistor on Chip
RoHS Compliant
1. ADJUSTABLE OUTPUT VOLTAGE VERSION
2. ADJUSTABLE OUTPUT VOLTAGE VERSION WITH DELAYED STARTUP
Data and specifications subject to change without notice
200803105
APE1702
TYPICAL APPLICATION
1
150KHz, 3A PWM BUCK DC/DC CONVERTER
The APE1702 series are monolithic IC designed for a
step-down DC/DC converter, and own the ability of driving a
3A load without additional transistor. It saves board space.
The external shutdown function can be controlled by logic
level and then come into standby mode. The internal compen-
sation makes feedback control having good line and load
regulation without external design. Regarding protected function,
thermal shutdown is to prevent over temperature operating
from damage, and current limit is against over current operating
of the output switch. if current limit function occurs and VFB
is down below 0.5V the switching frequency will be reduced.
The APE1702 series operates at a switching frequency of
150KHz thus allow smaller sized filter components than what
would be needed with lower frequency switching regulators.
Other features include a guaranteed +4% tolerance on output
voltage under specified input voltage and output load con-
ditions, and +15% on the oscillator frequency. The output
version included fixed 3.3V, 5V, 12V and an adjustable type.
The chips are available in a 5-Lead TO-263 and 5-Lead
TO-220 package.


Similar Part No. - APE1702_08

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APE17024 APLUS-APE17024 Datasheet
247Kb / 7P
   very low cost voice and melody synthesizer with 4-bits CPU
More results

Similar Description - APE1702_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com