Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE1702 Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # APE1702
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1702 Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

Back Button APE1702_08 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 9Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 10Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Advanced Power
Electronics Corp.
APE1702
FUNCTION DESCRIPTION
EN
THERMAL CONSIDERATIONS
6
Allows the switching regulator circuit to be shutdown using logic level signals thus
dropping the total input supple current to approximately 100uA. Pulling this pin below
a threshold voltage of approximately 1.3V turns the regulator on, and pulling this pin
above 1.3V (up to a maximum of VCC) shuts the regulator down. if this shutdown
feature is not needed, the EN pin can be wired to the ground pin.
The TO-263-5L package needs a heat sink under most conditions. The size of
the heat sink depends on the input voltage, the output voltage, the load current and
the ambient temperature. The APE1702 junction temperature rises above ambient
temperature for a 2A load and different input and output voltages.
The data for these curves was taken with the APE1702 (TO-263-5L package)
operating as a buck-switching regulator in an ambient temperature of 25°C (still air).
These temperature increments are all approximate and are affected by many factors.
Higher ambient temperatures required more heat sinker.
For the best thermal performance, wide copper traces and generous amounts of
printed circuit board copper (need connect to the VSS pins) should be used in the
board layout, (One exception is the SW pin, which should not have large areas of
copper.) to the surrounding air, and moving air lowers the thermal resistance even
further.
Package thermal resistance and junction temperature increments are all
approximate. The increments are affected by a lot of factors. Some of these factors
include board size, shape, thickness, position, location, and even board temperature.
Other factors are, trace width, total printed circuit copper area, copper thickness,
single or double-sided, multi-layer board and the amount of solder on the board.
The effectiveness of the PC board to dissipate heat also depends on the size,
quantity and spacing of other components on the board, as well as whether the
surrounding air is still or moving. Furthermore, some of these components such as the
catch diode will add heat to the PC board and the heat can vary as the input voltage
changes. For the inductor, depending on the physical size, type of core material and
the DC resistance, it could either act as a heat sink taking heat away from the board,
or it could add heat to the board.


Similar Part No. - APE1702_08

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APE17024 APLUS-APE17024 Datasheet
247Kb / 7P
   very low cost voice and melody synthesizer with 4-bits CPU
More results

Similar Description - APE1702_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com