Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE1702 Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # APE1702
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1702 Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  APE1702_08 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Advanced Power
Electronics Corp.
APE1702
BLOCK DIAGRAM
FUNCTION DESCRIPTION
PIN FUNCTION
VCC
VSS
SW
FEEDBACK
5
This is positive input supply for the IC switching regulator. A suitable input bypass
capacitor must be presented at this pin to minimize voltage transients and to supply
the switching currents needed by the regulator.
Circuit ground.
Internal Switch. The voltage at this pin switches between (+VCC - VSAT) and
approximately - 0.5V, with a duty cycle of approximately VOUT / VCC. To minimize
coupling to sensitive circuitry, the PC board copper area connected to this pin should
be minimized.
Senses in the regulated output voltage to complete the feedback loop.


Similar Part No. - APE1702_08

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APE17024 APLUS-APE17024 Datasheet
247Kb / 7P
   very low cost voice and melody synthesizer with 4-bits CPU
More results

Similar Description - APE1702_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com