Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP818P48A Datasheet(PDF) 7 Page - Sony Corporation

Part # CXP818P48A
Description  CMOS 8-bit Single Chip Microcomputer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP818P48A Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXP818P48A Datasheet HTML 3Page - Sony Corporation CXP818P48A Datasheet HTML 4Page - Sony Corporation CXP818P48A Datasheet HTML 5Page - Sony Corporation CXP818P48A Datasheet HTML 6Page - Sony Corporation CXP818P48A Datasheet HTML 7Page - Sony Corporation CXP818P48A Datasheet HTML 8Page - Sony Corporation CXP818P48A Datasheet HTML 9Page - Sony Corporation CXP818P48A Datasheet HTML 10Page - Sony Corporation CXP818P48A Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
– 7 –
CXP818P48A
Data bus
RD (Port D)
Port D direction
Port D data
High
current
12mA
IP
(Every 4 bits)
PD0 to 3
PD4 to 7
PPO, RTO data
Data bus
RD (Port C)
Port C direction
Port C data
Input
protection
circuit
IP
(Every bit)
Port C
16 pins
Hi-Z
Hi-Z
When reset
PA0/PPO0
to
PA7/PPO7
PB0/PPO8
to
PB7/PPO15
PC0/PPO16
to
PC2/PPO18
PC3/RTO3
to
PC7/RTO7
Port D
8 pins
8 pins
Hi-Z
PD0
to
PD7
PPO data
Data bus
Output becomes active from high
impedance by data writing to port register.
Port A or Port B
RD
Input/Output Circuit Formats for Pins
Port A
Port B
Pin
Circuit format


Similar Part No. - CXP818P48A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP81800 SONY-CXP81800 Datasheet
542Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81840A SONY-CXP81840A Datasheet
544Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81848A SONY-CXP81848A Datasheet
544Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP818P48A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com