Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP818P48A Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP818P48A
Description  CMOS 8-bit Single Chip Microcomputer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP818P48A Datasheet(HTML) 1 Page - Sony Corporation

  CXP818P48A Datasheet HTML 1Page - Sony Corporation CXP818P48A Datasheet HTML 2Page - Sony Corporation CXP818P48A Datasheet HTML 3Page - Sony Corporation CXP818P48A Datasheet HTML 4Page - Sony Corporation CXP818P48A Datasheet HTML 5Page - Sony Corporation CXP818P48A Datasheet HTML 6Page - Sony Corporation CXP818P48A Datasheet HTML 7Page - Sony Corporation CXP818P48A Datasheet HTML 8Page - Sony Corporation CXP818P48A Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Description
The CXP818P48A is a CMOS 8-bit microcomputer
which consists of A/D converter, serial interface,
timer/counter, time base timer, vector interruption,
high precision timing pattern generation circuit, PWM
generator,
PWM
for
tuner,
32kHz
timer/event
counter, remote control receiving circuit, as well as
basic configurations like 8-bit CPU, PROM, RAM
and I/O port. They are integrated into a single chip.
Also CXP818P48A provides sleep/stop function
which enables to lower power consumption and ultra
low speed instruction mode in 32kHz operation.
This IC is the PROM-incorporated version of the
CXP81848A with built-in mask ROM. This provides
the additional feature of being able to write directly
into the program. Thus, it is most suitable for
evaluation use during system development and for
small-quantity production.
Features
• A wide instruction set (213 instructions) which cover various types of data
— 16-bit arithmetic instruction/multiplication and division instructions/boolean bit operation instruction
• Minimum instruction cycle
During operation 333ns/12MHz (Supply voltage 3.0 to 5.5V)
During operation 250ns/16MHz (Supply voltage 4.5 to 5.5V)
During operation 122µs/32kHz
• Incorporated PROM capacity
48Kbytes
• Incorporated RAM capacity
1344bytes
• Peripheral functions
— A/D converter
8-bit, 12-channel, successive approximation system
(Conversion time 20.0µs/16MHz)
— Serial interface
Incorporated 8-bit and 8-stage FIFO, 1-channel
(1 to 8 bytes auto transfer)
8-bit serial I/O, 1-channel
— Timer
8-bit timer, 8-bit timer/counter, 19-bit time base timer
32kHz timer/counter
— High precision timing pattern generator
PPG 19 pins 32-stage programmable
RTG 5-pins 2-channel
— PWM/DA gate output
12-bit, 2-channel (Repetitive frequency 62kHz/16MHz)
— FRC capture unit
Incorporated 26-bit and 8-stage FIFO
— PWM output
14-bit, 1-channel
— Remote control receiving circuit
8-bit pulse measuring counter, 6-stage FIFO
• Interruption
20 factors, 15 vectors, multi-interruption possible
• Standby mode
SLEEP/STOP
• Package
100-pin plastic QFP/LQFP
– 1 –
CXP818P48A
E94Z13-ST
CMOS 8-bit Single Chip Microcomputer
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
100 pin QFP (PIastic)
100 pin LQFP (PIastic)
Structure
Silicon gate CMOS IC


Similar Part No. - CXP818P48A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP81800 SONY-CXP81800 Datasheet
542Kb / 8P
CMOS 8-bit Single Chip Microcomputer
CXP81840A SONY-CXP81840A Datasheet
544Kb / 26P
CMOS 8-bit Single Chip Microcomputer
CXP81848A SONY-CXP81848A Datasheet
544Kb / 26P
CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP818P48A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
CMOS 8-bit Single Chip Microcomputer
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com