Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT-074 Datasheet(PDF) 3 Page - Analog Devices

Part # MT-074
Description  Differential Drivers for Precision ADCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MT-074 Datasheet(HTML) 3 Page - Analog Devices

  MT-074 Datasheet HTML 1Page - Analog Devices MT-074 Datasheet HTML 2Page - Analog Devices MT-074 Datasheet HTML 3Page - Analog Devices MT-074 Datasheet HTML 4Page - Analog Devices MT-074 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MT-074
DRIVING PRECISION 16- AND 18-BIT DIFFERENTIAL INPUT ADCs
Figure 3 shows the ADA4941-1 driving the 18-bit PulSAR family of ADCs which have switched
capacitor inputs. This is a common application where the signal is single-ended and bipolar and
the ADC input is differential. Because of the high resolution, the drive amplifier must have low
distortion, low noise, and high dc accuracy, as well as the capability of performing the single-
ended to differential conversion. The ADA4941-1 is a low power (2.2 mA @ 3.3 V), low noise
(10.2 nV/
√Hz @ 1 kHz), low distortion (110 dBc @ 100 kHz) differential driver for ADCs up to
18 bits. Small signal bandwidth is 31 MHz. The amplifier has rail-to-rail output, high input
impedance, and a user-adjustable gain.
The ADA4941-1 consists of two op amps. The lower one in the figure is configured as a non-
commited non-inverting buffer (with external feedback resistor) and drives an inverting
amplifier. The feedforward and feedback resistors for the inverting amplifier are included in the
IC. Although there is extra phase shift and delay through the inverting amplifier, this does not
introduce significant error at the frequencies of interest (up to 1 MHz or 2 MHz).
+5V
+2.1V
+1.75V
9.53k
Ω
10.0k
Ω
8.45k
Ω
0.1µF
0.1µF
11.3k
Ω
4.02k
Ω
806
Ω
ADR444
+5V
VREF = +4.096V
0.1µF
REF
+5V
VDD
IN+
IN–
+
+
CF
V
IN =
± 10V
+2.1V +/– 2V
+2.1V – /+ 2V
ADA4941-1
41.2
Ω
41.2
Ω
3.9nF
3.9nF
AD7690, 400kSPS
AD7691, 250kSPS
18-BIT
PulSAR
ADCs
LPF CUTOFF = 1MHz
V
CM = +2.1V
R
R
0.1µF
V
REF = +4.096V
INPUT RANGE=
8.192V p-p DIFF.
10.2nV/
√Hz
After filter, noise = 13µV rms due to amp
Signal = 8V p-p differential
SNR = 107dB @ ADC input
SNR = 100dB
For AD7690
Figure 3: ADA4941-1 Driving AD7690 18-Bit
PulSAR® ADC in +5V Application
In this application, the two resistor dividers set the output common-mode voltage of the
ADA4941-1 to +2.1 V so that the output only has to go to within 100 mV of ground. This allows
sufficient headroom for the rail-to-rail output stages of the amplifier and allows the entire circuit
to operate on a single +5 V supply.
Page 3 of 5


Similar Part No. - MT-074

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MT-075 AD-MT-075 Datasheet
190Kb / 9P
Differential Drivers for High Speed ADCs Overview
REV. 0
MT-076 AD-MT-076 Datasheet
101Kb / 9P
Differential Driver Analysis
Rev.0, 10/08, WK
More results

Similar Description - MT-074

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F172C NSC-DS96F172C Datasheet
328Kb / 12P
Quad Differential Drivers
logo
Agere Systems
DS99144 AGERE-DS99144 Datasheet
255Kb / 16P
QUAD DIFFERENTIAL DRIVERS
logo
Analog Devices
ADA4930-1 AD-ADA4930-1 Datasheet
674Kb / 28P
Ultralow Noise Drivers for Low Voltage ADCs
REV. A
MT-075 AD-MT-075 Datasheet
190Kb / 9P
Differential Drivers for High Speed ADCs Overview
REV. 0
ADA4930-1 AD-ADA4930-1_16 Datasheet
491Kb / 25P
Ultralow Noise Drivers for Low Voltage ADCs
REV. B
AD4000 AD-AD4000_17 Datasheet
1Mb / 36P
Precision, Pseudo Differential, SAR ADCs
AD4001 AD-AD4001_17 Datasheet
905Kb / 37P
Precision, Differential SAR ADCs
AD4002 AD-AD4002 Datasheet
599Kb / 36P
Precision, Pseudo Differential, SAR ADCs
AD4003 AD-AD4003_17 Datasheet
1Mb / 38P
Precision, Differential SAR ADCs
ADA4930-1 AD-ADA4930-1_17 Datasheet
625Kb / 25P
Ultralow Noise Drivers for Low Voltage ADCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com